Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSD6150 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MSD6150
Description  Dual Diode Common Anode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSD6150 Datasheet(HTML) 1 Page - Motorola, Inc

  MSD6150 Datasheet HTML 1Page - Motorola, Inc MSD6150 Datasheet HTML 2Page - Motorola, Inc MSD6150 Datasheet HTML 3Page - Motorola, Inc MSD6150 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Dual Diode
Common Anode
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Peak Forward Recurrent Current
IF
200
mAdc
Peak Forward Surge Current
(Pulse Width = 10
µsec)
IFM(surge)
500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD(1)
625
5.0
mW
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg(1)
– 55 to +135
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Breakdown Voltage
(I(BR) = 100 µAdc)
V(BR)
70
Vdc
Reverse Current
(VR = 50 Vdc)
IR
0.1
µAdc
Forward Voltage
(IF = 10 mAdc)
VF
0.80
1.0
Vdc
Capacitance
(VR = 0)
C
5.0
8.0
pF
Reverse Recovery Time
(IF = IR = 10 mAdc, VR = 5.0 Vdc, irr = 1.0 mAdc)
trr
100
ns
1. Continuous package improvements have enhanced these guaranteed Maximum Ratings as follows: PD = 1.0 W @ TC = 25°C,
Derate above 8.0 mW/
°C, PD = 10 W @ TC = 25°C, Derate above 80 mW/°C, TJ, Tstg = –55 to +150°C, θJC = 12.5°C/W, θJA = 125°C.
Order this document
by MSD6150/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MSD6150
CASE 29–04, STYLE 4
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1997
3 Anode
Cathode 1
2 Cathode


Similar Part No. - MSD6150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD6150 ONSEMI-MSD6150 Datasheet
110Kb / 3P
   Dual Diode Common Anode
August, 2006 ??Rev. 3
More results

Similar Description - MSD6150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD6150 ONSEMI-MSD6150 Datasheet
110Kb / 3P
   Dual Diode Common Anode
August, 2006 ??Rev. 3
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
logo
List of Unclassifed Man...
C10920FR ETC-C10920FR Datasheet
31Kb / 2P
   FRD DUAL DIODE - ANODE COMMON
logo
ON Semiconductor
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
   Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
BAW56M3T5G ONSEMI-BAW56M3T5G Datasheet
120Kb / 4P
   Dual Switching Diode Common Anode
January, 2009 ??Rev. 0
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
52Kb / 4P
   Dual Switching Diode Common Anode
January, 2007 ??Rev. 5
BAW56WT1 ONSEMI-BAW56WT1 Datasheet
118Kb / 4P
   Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
M1MA141WAT1 ONSEMI-M1MA141WAT1 Datasheet
46Kb / 4P
   COMMON ANODE DUAL SWITCHING DIODE
July, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com