Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89STK-09 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89STK-09
Description  AT89STK-09 Starter Kit for AT83C26 User Guide
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89STK-09 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89STK-09 Datasheet HTML 1Page - ATMEL Corporation AT89STK-09 Datasheet HTML 2Page - ATMEL Corporation AT89STK-09 Datasheet HTML 3Page - ATMEL Corporation AT89STK-09 Datasheet HTML 4Page - ATMEL Corporation AT89STK-09 Datasheet HTML 5Page - ATMEL Corporation AT89STK-09 Datasheet HTML 6Page - ATMEL Corporation AT89STK-09 Datasheet HTML 7Page - ATMEL Corporation AT89STK-09 Datasheet HTML 8Page - ATMEL Corporation AT89STK-09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AT89STK-09 User Guide
2-4
7521B–SCR–10/05
Section 2
Hardware
The AT89STK09 requires power supply, clock signal , smart card and TWI commands
to run. U1 connector is used to connect the AT83C26 host pins to the host microcontrol-
ler. The U1 connector pins are described on Table 2-1.
All passive components needed (inductors, capacitors) are soldered on board.
2.1
Power Supply
The host microcontroller signals voltage and the AT83C26 power supply are VCC. The
voltage range (VCC) is 3V to 5.5V, the maximum current consumption IVcc is about
250mA when all DC/DC convertors and LDO are activated. (Conditions : Vcc = 3V
60mA DC/DCa, 70mA DC/DCb).
2.2
Jumper
Configuration
The AT83C26 board has one jumper in order to set complete SC2 configuration.
The complete SC2 configuration (Smart Card including CC4 & CC8) is done by SW1
solder pad.
2.3
Host
Microcontroller
Connection
The host microcontroller must provide the signals:
VCC, VSS : Power supply signals - 3 - 5.5V @ 250mA
EVCC can be used when the Vcc host and Vcc are different. Generally the EVCC is
connected to VCC.
BYPASS is used to activate the low power consumption when connected to the host
microcontroller (high level must be supplied) - Generally the BYPASS is connected
to the ground.
A2, A1 : TWI address - Generally A2 = 0 and A1 = 0 during Reset
SDA, SCL : TWI signals to transmit/receive commands/status
Caution : TWI pull-ups have to be on the host microcontroller board
CLK signal is connected to host clock signal
Caution : The logic inverter (HC04 or other) is recommended if source clock is supplied
by output crystal oscillator buffer.
•INT (Interrupt) : This signal must be connected to host interrupt input
CRST signal is connected to RST host microcontroller signal
CCLK signal is connected to the host smart card interface signal


Similar Part No. - AT89STK-09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
   Stand-alone Board
More results

Similar Description - AT89STK-09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
PIC32MX MICROCHIP-PIC32MX Datasheet
1Mb / 48P
   PIC32MX Starter Kit User?셲 Guide
02/04/09
DV243003 MICROCHIP-DV243003 Datasheet
162Kb / 16P
   MPLAB짰 Starter Kit for Serial Memory Products User?셲 Guide
01/02/08
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
logo
List of Unclassifed Man...
IT900 ETC-IT900 Datasheet
970Kb / 18P
   STK4 (Starter Kit) User Manual
February 2011
logo
Cypress Semiconductor
CYUSB3KIT-003 CYPRESS-CYUSB3KIT-003 Datasheet
3Mb / 54P
   SuperSpeed Explorer Kit User Guide
logo
Renesas Technology Corp
RSKRL78G14 RENESAS-RSKRL78G14 Datasheet
1Mb / 35P
   Renesas Starter Kit User?셲 Manual
logo
Silicon Laboratories
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com