Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8350ARMZ15 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8350ARMZ15
Description  Low Distortion 1.0 GHz Differential Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350ARMZ15 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8350ARMZ15 Datasheet HTML 6Page - Analog Devices AD8350ARMZ15 Datasheet HTML 7Page - Analog Devices AD8350ARMZ15 Datasheet HTML 8Page - Analog Devices AD8350ARMZ15 Datasheet HTML 9Page - Analog Devices AD8350ARMZ15 Datasheet HTML 10Page - Analog Devices AD8350ARMZ15 Datasheet HTML 11Page - Analog Devices AD8350ARMZ15 Datasheet HTML 12Page - Analog Devices AD8350ARMZ15 Datasheet HTML 13Page - Analog Devices AD8350ARMZ15 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
REV.
AD8350
–10–
VS
87
6
5
12
34
AD8350
ENBL (5V)
+VS (5V TO 10V)
0.1 F
CAC
RS
CAC
CAC
CAC
RSHUNT
RSHUNT
RS
RL
RL
Figure 8. Gain Reduction Using Shunt Resistor
VS
87
6
5
12
34
AD8350
ENBL
(5V)
+VS
(5V TO 10V)
0.1 F
RS
CAC
CAC
RS
RL
RL
CAC
CAC
RFEXT
RFEXT
Figure 9. Dynamic Gain Reduction
Figure 8 shows a typical implementation of the shunt divider
concept. The reduced input impedance that results from the
parallel combination of the shunt resistor and the input impedance
of the AD8350 adds attenuation to the input signal effectively
reducing the gain. For frequencies less than 100 MHz, the input
impedance of the AD8350 can be modeled as a real 200
Ω resis-
tance (differential). Assuming the frequency is low enough to
ignore the shunt reactance of the input, and high enough such
that the reactance of moderately sized ac-coupling capacitors
can be considered negligible, the insertion loss, IL, due to the
shunt divider can be expressed as:
IL dB
Log
R
RR
RR
RR
R
RR
RR
RR
R
gl
nded
IN
IN
S
IN
SHUNT
IN
SHUNT
S
IN
SHUNT
IN
SHUNT
IN
SHUNT
IN
()
()
()
+
+
=
×
+
=−
20
100
10
where
and
Ω sin e e
(3)
The insertion loss and the resultant power gain for multiple
shunt resistor values is summarized in Table I. The source
resistance and input impedance need careful attention when
using Equation 1. The reactance of the input impedance of the
AD8350 and the ac-coupling capacitors need to be considered
before assuming they have negligible contribution. Figure 10
shows the effective power gain for multiple values of RSHUNT for
the AD8350-15 and AD8350-20.
Table I. Gain Adjustment Using Shunt Resistor,
RS = 100
and RIN = 100
Single-Ended
Power Gain–dB
RSHUNT
IL–dB
AD8350-15
AD8350-20
50
6.02
8.98
13.98
100
3.52
11.48
16.48
200
1.94
13.06
18.06
300
1.34
13.66
18.66
400
1.02
13.98
18.98
RSHUNT
20
0
18
16
14
12
10
8
6
4
2
0
100
200
300
400
500
600
700
800
AD8350-20
AD8350-15
Figure 10. Gain for Multiple Values of Shunt Resistance
for Circuit in Figure 8
The gain can be adjusted dynamically by employing external
feedback resistors as shown in Figure 9. The effective attenua-
tion is a result of the lowered input impedance as with the shunt
resistor method, yet there is no additional noise contribution at
the input of the device. It is necessary to use well-matched resistors
to minimize common-mode offset errors. Quality 1% tolerance
resistors should be used along with a symmetric board layout to
help guarantee balanced performance. The effective gain for mul-
tiple values of external feedback resistors is shown in Figure 11.
B


Similar Part No. - AD8350ARMZ15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15-REEL7 AD-AD8350ARMZ15-REEL7 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
More results

Similar Description - AD8350ARMZ15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com