Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB161E-MDH-B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45DB161E-MDH-B
Description  16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161E-MDH-B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45DB161E-MDH-B Datasheet HTML 5Page - ATMEL Corporation AT45DB161E-MDH-B Datasheet HTML 6Page - ATMEL Corporation AT45DB161E-MDH-B Datasheet HTML 7Page - ATMEL Corporation AT45DB161E-MDH-B Datasheet HTML 8Page - ATMEL Corporation AT45DB161E-MDH-B Datasheet HTML 9Page - ATMEL Corporation AT45DB161E-MDH-B Datasheet HTML 10Page - ATMEL Corporation AT45DB161E-MDH-B Datasheet HTML 11Page - ATMEL Corporation AT45DB161E-MDH-B Datasheet HTML 12Page - ATMEL Corporation AT45DB161E-MDH-B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
9
Atmel AT45DB161E [PRELIMINARY DATASHEET]
8782A–DFLASH–3/12
followed by three address bytes (A20 - A0). Following the address bytes, additional clock pulses on the SCK pin will
result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When the end
of a page in the main memory is reached during a Continuous Array Read, the device will continue reading at the
beginning of the next page with no delays incurred during the page boundary crossover (the crossover from the end of
one page to the beginning of the next page). When the last bit in the Main Memory Array has been read, the device will
continue reading back at the beginning of the first page of memory. As with crossing over page boundaries, no delays will
be incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Continuous Array Read is defined by the fCAR3 specification. The Continuous Array
Read bypasses both data buffers and leaves the contents of the buffers unchanged.
5.6
Main Memory Page Read
A Main Memory Page Read allows the user to read data directly from any one of the 4,096 pages in the main memory,
bypassing both of the data buffers and leaving the contents of the buffers unchanged. To start a page read using the
standard DataFlash page size (528 bytes), an opcode of D2h must be clocked into the device followed by three address
bytes (which comprise the 24 bit page and byte address sequence) and four dummy bytes. The first 12 bits
(PA11 - PA0) of the 22 bit address sequence specify the page in main memory to be read and the last 10 bits
(BA9 - BA0) of the 22 bit address sequence specify the starting byte address within that page. To start a page read using
the binary page size (512 bytes), the opcode D2h must be clocked into the device followed by three address bytes and
four dummy bytes. The first 12 bits (A20 - A9) of the 21 bits address sequence specify which page of the Main Memory
Array to read, and the last nine bits (A8 - A0) of the 21 bits address sequence specify the starting byte address within that
page. The dummy bytes that follow the address bytes are sent to initialize the read operation. Following the dummy
bytes, the additional pulses on SCK result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the reading of
data. When the end of a page in main memory is reached, the device will continue reading back at the beginning of the
same page.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Main Memory Page Read is defined by the fSCK specification. The Main Memory Page
Read bypasses both data buffers and leaves the contents of the buffers unchanged.
5.7
Buffer Read
The SRAM data buffers can be accessed independently from the Main Memory Array and utilizing the Buffer Read
command allows data to be sequentially read directly from the buffers. Four opcodes, D4h or D1h for Buffer 1 and D6h or
D3h for Buffer 2, can be used for the Buffer Read command. The use of each opcode depends on the maximum SCK
frequency that will be used to read data from the buffer. The D4h and D6h opcode can be used at any SCK frequency up
to the maximum specified by fCAR1. While the D1h and D3h opcode can be used for lower frequency read operations up
to the maximum specified by fCAR2.
To perform a Buffer Read using the standard DataFlash buffer size (528 bytes), the opcode must be clocked into the
device followed by three address bytes comprised of 14 dummy bits and 10 buffer address bits (BFA9 - BFA0). To
perform a Buffer Read using the binary buffer size (512 bytes), the opcode must be clocked into the device followed by
three address bytes comprised of 15 dummy bits and nine buffer address bits (BFA8 - BFA0). Following the address
bytes, one dummy bytes must be clocked in to initialize the read operation if using opcodes D4h or D6h. The CS pin must
remain low during the loading of the opcode, the address bytes, the dummy bytes, and the reading of data. When the
end of a buffer is reached, the device will continue reading back at the beginning of the buffer. A low-to-high transition on
the CS pin will terminate the read operation and tri-state the output pin (SO).


Similar Part No. - AT45DB161E-MDH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB161E-MHD-T ETC2-AT45DB161E-MHD-T Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB161E-MHD-T DIALOG-AT45DB161E-MHD-T Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB161E-MHD-Y ETC2-AT45DB161E-MHD-Y Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB161E-MHD-Y DIALOG-AT45DB161E-MHD-Y Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
AT45DB161E-MHD2B-T DIALOG-AT45DB161E-MHD2B-T Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB161E-MDH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 72P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB161E RENESAS-AT45DB161E Datasheet
2Mb / 77P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
1/27/23
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 81P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT45DB161E DIALOG-AT45DB161E Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com