Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8038ARZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8038ARZ
Description  Low Power, 350 MHz Voltage Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8038ARZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8038ARZ Datasheet HTML 6Page - Analog Devices AD8038ARZ Datasheet HTML 7Page - Analog Devices AD8038ARZ Datasheet HTML 8Page - Analog Devices AD8038ARZ Datasheet HTML 9Page - Analog Devices AD8038ARZ Datasheet HTML 10Page - Analog Devices AD8038ARZ Datasheet HTML 11Page - Analog Devices AD8038ARZ Datasheet HTML 12Page - Analog Devices AD8038ARZ Datasheet HTML 13Page - Analog Devices AD8038ARZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD8038/AD8039
Rev. G | Page 9 of 16
FREQUENCY (Hz)
100
10
100
1k
100k
10k
1k
10k
100k
1M
Figure 24. Input Current Noise vs. Frequency
RL = 2kΩ
RL = 500Ω
50mV/DIV
5ns/DIV
Figure 25. Small Signal Transient Response for Various RL, VS = 5 V
RL = 2kΩ
RL = 500Ω
50mV/DIV
5ns/DIV
Figure 26. Small Signal Transient Response for Various RL, VS = ±5 V
CL = 10pF
CL = 5pF
50mV/DIV
5ns/DIV
CL = 25pF WITH
RSNUB = 19.6Ω
Figure 27. Small Signal Transient Response for Various CL, VS = 5 V
50mV/DIV
5ns/DIV
CL = 25pF WITH
RSNUB = 19.6Ω
CL = 10pF
CL = 5pF
Figure 28. Small Signal Transient Response for Various CL, VS = ±5 V
RL = 500Ω
RL = 2kΩ
2.5V
500mV/DIV
5ns/DIV
Figure 29. Large Signal Transient Response for Various RL, VS = 5 V


Similar Part No. - AD8038ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038AR AD-AD8038AR Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038AR AD-AD8038AR Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8038AR-REEL AD-AD8038AR-REEL Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038AR-REEL AD-AD8038AR-REEL Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8038AR-REEL7 AD-AD8038AR-REEL7 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
More results

Similar Description - AD8038ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com