Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7920AKSZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7920AKSZ-REEL7
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7920AKSZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7920AKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 14Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7910/AD7920
Rev. C | Page 11 of 24
CODE
1.0
0.4
–0.2
0
1024
512
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
1536
2048
2560
3072
3584
4096
VDD = 2.35V
TEMP = 25
°C
fSAMPLE = 250kSPS
Figure 11. AD7920 DNL Performance
INPUT FREQUENCY (kHz)
–30
–60
10
1000
100
–10
–20
–40
–50
–70
–80
–90
VDD = 3.6V
RIN = 10kΩ
RIN = 1kΩ
RIN = 130Ω
RIN = 13Ω
RIN = 0Ω
Figure 12. THD vs. Analog Input Frequency for Various Source Impedances
INPUT FREQUENCY (kHz)
–75
–90
10
1000
100
–65
–70
–80
–85
VDD = 5.25V
VDD = 2.35V
VDD = 2.7V
VDD = 4.75V
VDD = 3.6V
Figure 13. THD vs. Analog Input Frequency for Various Supply Voltages


Similar Part No. - AD7920AKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7920AKS-500RL7 AD-AD7920AKS-500RL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920AKS-REEL AD-AD7920AKS-REEL Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920AKS-REEL7 AD-AD7920AKS-REEL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
More results

Similar Description - AD7920AKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com