Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTH24 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBTH24
Description  NPN RF Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTH24 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBTH24 Datasheet HTML 1Page - Fairchild Semiconductor MMBTH24 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN RF Transistor
This device is designed for common-emitter low noise
amplifier and mixer applications with collector currents
in the 100
µA to 20 mA range to 300 MHz, and low
frequency drift common-base VHF oscillator applications
with high output levels for driving FET mixers. Sourced
from Process 47. See MPSH11 for characteristics.
MPSH24
MMBTH24
C
B
E
TO-92
C
B
E
SOT-23
Mark: 3A
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector Current - Continuous
50
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
MPSH24
*MMBTH24
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
225
1.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
556
°C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
Discrete POWER & Signal
Technologies
©1997 Fairchild Semiconductor Corporation


Similar Part No. - MMBTH24

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBTH24 SAMSUNG-MMBTH24 Datasheet
31Kb / 1P
   NPN (VHF MIXER TRANSISTOR)
logo
Diodes Incorporated
MMBTH24 DIODES-MMBTH24 Datasheet
47Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 6 - 2
logo
Fairchild Semiconductor
MMBTH24 FAIRCHILD-MMBTH24 Datasheet
52Kb / 4P
   NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBTH24 DIODES-MMBTH24 Datasheet
563Kb / 3P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
MMBTH24-7 DIODES-MMBTH24-7 Datasheet
47Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 6 - 2
More results

Similar Description - MMBTH24

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
   NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
   NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
   NPN RF Transistor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
   NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
   NPN RF TRANSISTOR
MSC80278 ASI-MSC80278 Datasheet
21Kb / 1P
   NPN RF TRANSISTOR
logo
Fairchild Semiconductor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770 Datasheet
25Kb / 2P
   NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
   NPN RF Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com