Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7862AN-3 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7862AN-3
Description  Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7862AN-3 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7862AN-3 Datasheet HTML 7Page - Analog Devices AD7862AN-3 Datasheet HTML 8Page - Analog Devices AD7862AN-3 Datasheet HTML 9Page - Analog Devices AD7862AN-3 Datasheet HTML 10Page - Analog Devices AD7862AN-3 Datasheet HTML 11Page - Analog Devices AD7862AN-3 Datasheet HTML 12Page - Analog Devices AD7862AN-3 Datasheet HTML 13Page - Analog Devices AD7862AN-3 Datasheet HTML 14Page - Analog Devices AD7862AN-3 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7862
–11–
REV. 0
Figure 7 shows a histogram plot for 8192 conversions of a dc
input using the AD7862 with 5 V supply. The analog input was
set at the center of a code transition. It can be seen that all the
codes appear in the one output bin indicating very good noise
performance from the ADC.
746
756
747
748
749
750
751
752
753
754
755
9000
8000
0
4000
3000
2000
1000
6000
5000
7000
Figure 7. Histogram of 8192 Conversions of a DC Input
The same data is presented in Figure 8 as in Figure 7 except
that in this case the output data read for the device occurs
during conversion. This has the effect of injecting noise onto the
die while bit decisions are being made and this increases the
noise generated by the AD7862. The histogram plot for 8192
conversions of the same dc input now shows a larger spread of
codes. This effect will vary depending on where the serial clock
edges appear with respect to the bit trials of the conversion
process. It is possible to achieve the same level of performance
when reading during conversion as when reading after conver-
sion depending on the relationship of the serial clock edges to
the bit trial points.
The output spectrum from the ADC is evaluated by applying a
sine wave signal of very low distortion to the VAX/BX input that is
sampled at a 245.76 kHz sampling rate. A Fast Fourier Trans-
form (FFT) plot is generated from which the SNR data can be
obtained. Figure 9 shows a typical 2048 point FFT plot of the
AD7862 with an input signal of 10 kHz and a sampling fre-
quency of 245.76 kHz. The SNR obtained from this graph is
72.95 dB. It should be noted that the harmonics are taken into
account when calculating the SNR.
745
755
746
747
748
749
750
751
752
753
754
0
4000
3000
2000
1000
6000
5000
7000
Figure 8. Histogram of the 8192 Conversions with Read
During Conversion
–0
–120
0
12.2k
10k
30k
50k
70k
90k
–20
–40
–60
–80
–100
–10
–30
–50
–70
–90
–110
100k
FSAMPLE = 245760
FIN = 10kHz
SNR = –72.95dB
THD = –89.99dB
Figure 9. AD7862 FFT Plot
Effective Number of Bits
The formula given in Equation 1 relates the SNR to the number
of bits. Rewriting the formula, as in Equation 2, it is possible to
get a measure of performance expressed in effective number of
bits (N).
N
=
SNR
−1.76
6.02
(2)
The effective number of bits for a device can be calculated
directly from its measured SNR.
Figure 10 shows a typical plot of effective number of bits versus
frequency for an AD7862BN with a sampling frequency of
245.76 kHz. The effective number of bits typically falls between
11.6 and 10.6 corresponding to SNR figures of 71.59 dB and
65.57 dB.
0
1000
200
400
600
800
10.2
11.4
11.2
11.0
10.8
11.8
11.6
12.0
10.6
10.4
FREQUENCY – kHz
Figure 10. Effective Numbers of Bits vs. Frequency
Total Harmonic Distortion (THD)
Total Harmonic Distortion (THD) is the ratio of the rms sum
of harmonics to the rms value of the fundamental. For the
AD7862, THD is defined as
THD dB
() = 20 log
V
2
2
+V
3
2
+V
4
2
+V
5
2
V1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4 and V5 are the rms amplitudes of the second through the
sixth harmonic. The THD is also derived from the FFT plot of
the ADC output spectrum.


Similar Part No. - AD7862AN-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7862AN-3 AD-AD7862AN-3 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AN-3 AD-AD7862AN-3 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AN-3 AD-AD7862AN-3 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AN-3 AD-AD7862AN-3 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AN-3 AD-AD7862AN-3 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
More results

Similar Description - AD7862AN-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com