Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7849BRZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7849BRZ-REEL
Description  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849BRZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD7849BRZ-REEL Datasheet HTML 1Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 2Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 3Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 4Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 5Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 6Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 7Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 8Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7849
Rev. C | Page 4 of 20
Parameter
A Version
B Version
C Version
Unit
Test Conditions/Comments
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
V max
Input Current, IINH
±10
±10
±10
μA max
Input Capacitance, CIN
10
10
10
pF max
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
Output High Voltage, VOH
4.0
4.0
4.0
V min
ISOURCE = 400 μA
Floating State Leakage Current
±10
±10
±10
μA max
Floating State Output
Capacitance
10
10
10
pF max
POWER REQUIREMENTS2
VDD
14.25/15.75
14.25/15.75
14.25/15.75
V min/V max
VSS
−14.25/−15.75
−14.25/−15.75
−14.25/−15.75
V min/V max
VCC
4.75/5.25
4.75/5.25
4.75/5.25
V min/V max
IDD
5
5
5
mA max
VOUT unloaded, VINH = VDD – 0.1 V,
VINL = 0.1 V
ISS
5
5
5
mA max
VOUT unloaded, VINH = VDD – 0.1 V,
VINL = 0.1 V
ICC
2.5
2.5
2.5
mA max
VINH = VDD – 0.1 V, VINL = 0.1 V
Power Supply Sensitivity3
0.4
1.5
1.5
LSB/V max
Power Dissipation
100
100
100
mW typ
VOUT unloaded
1 Guaranteed by design and characterization, not production tested.
2 The AD7849 is functional with power supplies of ±12 V. See the Typical Performance Characteristics section.
3 Sensitivity of gain error, offset error, and bipolar zero error to VDD, VSS variations.
RESET SPECIFICATIONS
These specifications apply when the device goes into reset mode during power-up or power-down sequence. VOUT unloaded.
Table 2.
Parameter
All Versions
Unit
Test Conditions/Comments
VA,1 Low Threshold Voltage for VDD, VSS
1.2
V max
This is the lower VDD/VSS threshold voltage for the reset function.
0
V typ
Above this, the reset is activated.
VB, High Threshold Voltage for VDD, VSS
9.5
V max
This is the higher VDD/VSS threshold voltage for the reset function.
6.4
V min
Below this, the reset is activated. Typically, 8 V.
VC, Low Threshold Voltage for VCC
1
V max
This is the lower VCC threshold voltage for the reset function.
0
V typ
Above this, the reset is activated.
VD, High Threshold Voltage for VCC
4
V max
This is the higher VCC threshold voltage for the reset function.
2.5
V min
Below this, the reset is activated. Typically, 3 V.
G2 RON
1
kΩ typ
On resistance of G2; VDD = 2 V; VSS = −2 V; IG2 = 1 mA.
1 A pull-down resistor (65 kΩ) on VOUT maintains 0 V output when VDD/VSS is below VA.


Similar Part No. - AD7849BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BRZ-REEL AD-AD7849BRZ-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

Similar Description - AD7849BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com