Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

556FSS300XF7JS Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 556FSS300XF7JS
Description  Photoflash aluminum electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

556FSS300XF7JS Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  556FSS300XF7JS Datasheet HTML 1Page - Illinois Capacitor, Inc. 556FSS300XF7JS Datasheet HTML 2Page - Illinois Capacitor, Inc. 556FSS300XF7JS Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FSS
Photoflash aluminum electrolytic
Capacitors
FEATURES Reduced case size - High voltage Low Leakage low dissipation Factor
APPLICATIONS
Emergency lights Signal lights Mobile - applications
Operating Temperature Range
-20°C to +55°C
Capacitance Tolerance
-10 to+20% at 120 Hz, 25°C
WVDC
300
310
330
Surge Voltage
SVDC
320
335
350
Dissipation Factor
25°C, 120 Hz
tan δ
.06
Time
5 Minutes
Leakage Current
@25°C, Rated WVDC applied
1*C
5000 flashes at rated voltage applied & 5~35°C repeating every 30
seconds thru a Xe flash tube having a discharge resistance if 0.7~1.0Ω
Capacitance Change
<10% of initial measured value
Dissipation Factor
<150% of maximum specified value
Charge/ Discharge
Leakage Current
<150% of maximum specified value
1000 hours at 70°C with no voltage applied
Capacitance Change
<10% initial measured value
Dissipation Factor
<150% of maximum specified value
Shelf Life
Leakage Current
<150% of maximum specified value
D
5
6.3
7.2
7.8
8
8.4
8.7
8.9
d
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
S
2
2.6
2.6
3.5
3.5
3.5
4.2
4.2
D1= D+ 0.5mm MAX
L1= L+ 0.5 mm
S1= S+ 0.5 mm


Similar Part No. - 556FSS300XF7JS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
556FSC320XF2 ILLINOISCAPACITOR-556FSC320XF2 Datasheet
268Kb / 2P
   Photoflash aluminum electrolytic Capacitors
556FSC320XF3 ILLINOISCAPACITOR-556FSC320XF3 Datasheet
268Kb / 2P
   Photoflash aluminum electrolytic Capacitors
556FSR300XBBF ILLINOISCAPACITOR-556FSR300XBBF Datasheet
615Kb / 4P
   55C Radial lead Photoflash aluminum electrolytic Capacitors
556FSR300XBBF ILLINOISCAPACITOR-556FSR300XBBF Datasheet
304Kb / 4P
   Reduced case size - High voltage ??Low Leakage ??low dissipation
556FSR300XBBF ILLINOISCAPACITOR-556FSR300XBBF Datasheet
107Kb / 1P
   Photoflash Aluminum electropolytic capacitors
More results

Similar Description - 556FSS300XF7JS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157FSL360XDE ILLINOISCAPACITOR-157FSL360XDE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL450XEJ ILLINOISCAPACITOR-337FSL450XEJ Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB360XGBG ILLINOISCAPACITOR-337FSB360XGBG Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL360XDP ILLINOISCAPACITOR-337FSL360XDP Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XBJ ILLINOISCAPACITOR-687FSB360XBJ Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XEH ILLINOISCAPACITOR-687FSB360XEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XGEH ILLINOISCAPACITOR-687FSB360XGEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL360XCE ILLINOISCAPACITOR-107FSL360XCE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL450XCF ILLINOISCAPACITOR-107FSL450XCF Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
157FSL360XBP ILLINOISCAPACITOR-157FSL360XBP Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com