Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7849AN Datasheet(PDF) 11 Page - Analog Devices

Part # AD7849AN
Description  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849AN Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7849AN Datasheet HTML 7Page - Analog Devices AD7849AN Datasheet HTML 8Page - Analog Devices AD7849AN Datasheet HTML 9Page - Analog Devices AD7849AN Datasheet HTML 10Page - Analog Devices AD7849AN Datasheet HTML 11Page - Analog Devices AD7849AN Datasheet HTML 12Page - Analog Devices AD7849AN Datasheet HTML 13Page - Analog Devices AD7849AN Datasheet HTML 14Page - Analog Devices AD7849AN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7849
Rev. C | Page 11 of 20
CIRCUIT DESCRIPTION
DIGITAL-TO-ANALOG CONVERSION
Figure 15 shows the digital-to-analog section of the AD7849. There
are three on-chip DACs, each of which has its own buffer amplifier.
DAC1 and DAC2 are 4-bit DACs. They share a 16-resistor string,
but they have their own analog multiplexers. The voltage reference
is applied to the resistor string. DAC3 is a 12-bit voltage mode
DAC with its own output stage.
The four MSBs of the 16-bit digital input code drive DAC1 and
DAC2, while the 12 LSBs control DAC3. Using DAC1 and DAC2,
the MSBs select a pair of adjacent nodes on the resistor string
and present that voltage to the positive and negative inputs of
DAC3. This DAC interpolates between these two voltages to
produce the analog output voltage.
To prevent nonmonotonicity in the DAC due to amplifier offset
voltages, DAC1 and DAC2 leap-frog along the resistor string.
For example, when switching from Segment 1 to Segment 2, DAC1
switches from the bottom of Segment 1 to the top of Segment 2
while DAC 2 remains connected to the top of Segment 1. The
code driving DAC3 is automatically complemented to compensate
for the inversion of its inputs. This means that any linearity
effects due to amplifier offset voltages remain unchanged when
switching from one segment to the next, and 16-bit monotonicity is
ensured if DAC3 is monotonic. Therefore, 12-bit resistor matching
in DAC3 guarantees overall 16-bit monotonicity. This is much
more achievable than the 16-bit matching that a conventional
R-2R structure would need.
Output Stage
The output stage of the AD7849 is shown in Figure 14. It is capable
of driving a 2 kΩ load in parallel with 200 pF. The feedback and
offset resistors allow the output stage to be configured for gains of
1 or 2. Additionally, the offset resistor can be used to shift the
output range. The AD7849 has a special feature to ensure output
stability during power-up and power-down sequences. This feature
is available for control applications where actuators must not be
allowed to move in an uncontrolled fashion.
LOGIC
CIRCUITRY
ONE-SHOT
LDAC
DAC 3
G3
C1
R
10kΩ
R
10kΩ
ROFS
RSTIN
G1
VOUT
AGND
RSTOUT
G2
VOLTAGE
MONITOR
Figure 14. Output Stage
When the supply voltages are changing, the VOUT pin is clamped
to 0 V via a low impedance path. To prevent the output of A3
from being shorted to 0 V during this time, Transmission Gate G1
is opened. These conditions are maintained until the power
supplies stabilize, and a valid word is written to the DAC register.
At this time, G2 opens and G1 closes. Both transmission gates
are also externally controllable via the reset in (RSTIN) control
input. For instance, if the RSTIN input is driven from a battery
supervisor chip, then at power-off or during a brownout, the
RSTIN input will be driven low to open G1 and closeG2. The
DAC has to be reloaded, with RSTIN high, to reenable the output.
Conversely, the on-chip voltage detector output (RSTOUT) is
also available to the user to control other parts of the system.
The AD7849 output buffer is configured as a track-and-hold
amplifier. Although normally tracking its input, this amplifier
isplaced in hold mode for approximately 5 μs after the leading
edge of LDAC. This short state keeps the DAC output at its
previous voltage while the
is internally changing to its
new value. therefore, any glitches that occur in the transition are
not seen at the output. In systems where
AD7849
LDAC is permanently
low, deglitching is not in operation.
10/12
DAC 2
A1
A2
DAC 3
10-BIT/12-BIT
DAC
S2
S4
S14
S16
DB15 TO DB12
DB15 TO DB12
DAC 1
S1
S3
S15
S17
VREF+
VREF–
OUTPUT
STAGE
R
R
R
R
R
R
Figure 15. Digital-to-Analog Conversion


Similar Part No. - AD7849AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849ANZ AD-AD7849ANZ Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

Similar Description - AD7849AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com