Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

506FSS310XF8JW Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 506FSS310XF8JW
Description  Photoflash aluminum electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

506FSS310XF8JW Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  506FSS310XF8JW Datasheet HTML 1Page - Illinois Capacitor, Inc. 506FSS310XF8JW Datasheet HTML 2Page - Illinois Capacitor, Inc. 506FSS310XF8JW Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FSS
+55°C, Snap in
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
55
300
556FSS300XFAJ
1.608
55
8x32
55
310
556FSS310XF4AJ
1.608
55
8.4x32
55
310
556FSS310XF7JF
1.608
55
8.7x28
55
310
556FSS310XFAC
1.608
55
8x34
55
330
556FSS330XF4AS
1.608
55
8.4x37
55
330 556FSS330XF7AG
1.608
55
8.7x30
55
330
556FSS330XFAK
1.608
55
8x39
60
300 606FSS300XF4AA
1.474
60
8.4x33
60
300
606FSS300XF7JK
1.474
60
8.7x29
60
300
606FSS300XFAD
1.474
60
8x35
60
310 606FSS310XF4AD
1.474
60
8.4x35
60
310 606FSS310XF7AG
1.474
60
8.7x30
60
310
606FSS310XFAW
1.474
60
8x36
60
330
606FSS330XFC
1.474
60
8x44
60
330 606FSS330XF4CG
1.474
60
8.4x40
60
330 606FSS330XF7AC
1.474
60
8.7x34
60
330
606FSS330XF9AJ
1.474
60
8.9x32
70
300
706FSS300XFAK
1.263
70
8x39
70
300
706FSS300XF4AF
1.263
70
8.4x38
70
300 706FSS300XF7AA
1.263
70
8.7x33
70
310
706FSS310XFCB
1.263
70
8x41
70
310 706FSS310XF4AW
1.263
70
8.4x36
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
70
310 706FSS310XF7AC
1.263
70
8.7x34
70
330 706FSS330XF9AW
1.263
70
8.9x36
70
330
706FSS330XFF
1.263
70
8x48
70
330
706FSS330XF4FD
1.263
70
8.4x45
70
330
706FSS330XF7AF
1.263
70
8.7x38
75
300
756FSS300XF7AF
1.179
75
8.7x38
75
300
756FSS300XFCJ
1.179
75
8x42
75
300 756FSS300XF4CG
1.179
75
8.4x40
75
310
756FSS310XF7AS
1.179
75
8.7x37
75
310
756FSS310XFCC
1.179
75
8x44
75
310 756FSS310XF4AK
1.179
75
8.4x39
75
330
756FSS330XF7FG
1.179
75
8.7x40
75
330
756FSS330XF9AF
1.179
75
8.9x38
75
330
756FSS330XF4FF
1.179
75
8.4x48
80
300
806FSS300XF4CJ
1.105
80
8.4x42
80
300 806FSS300XF7CG
1.105
80
8.7x40
80
300
806FSS300XFCD
1.105
80
8x45
80
310 806FSS310XF4CD
1.105
80
8.4x45
80
310
806FSS310XF7AF
1.105
80
8.7x38
90
310 906FSS310XF7CG
0.982
90
8.7x40
90
310 906FSS310XF9AK
0.982
90
8.9x39


Similar Part No. - 506FSS310XF8JW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
506FSC320XF2 ILLINOISCAPACITOR-506FSC320XF2 Datasheet
268Kb / 2P
   Photoflash aluminum electrolytic Capacitors
506FSC320XF3 ILLINOISCAPACITOR-506FSC320XF3 Datasheet
268Kb / 2P
   Photoflash aluminum electrolytic Capacitors
506FSR300XBBS ILLINOISCAPACITOR-506FSR300XBBS Datasheet
615Kb / 4P
   55C Radial lead Photoflash aluminum electrolytic Capacitors
506FSR300XBBS ILLINOISCAPACITOR-506FSR300XBBS Datasheet
304Kb / 4P
   Reduced case size - High voltage ??Low Leakage ??low dissipation
506FSR300XBBS ILLINOISCAPACITOR-506FSR300XBBS Datasheet
107Kb / 1P
   Photoflash Aluminum electropolytic capacitors
More results

Similar Description - 506FSS310XF8JW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157FSL360XDE ILLINOISCAPACITOR-157FSL360XDE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL450XEJ ILLINOISCAPACITOR-337FSL450XEJ Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB360XGBG ILLINOISCAPACITOR-337FSB360XGBG Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL360XDP ILLINOISCAPACITOR-337FSL360XDP Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XBJ ILLINOISCAPACITOR-687FSB360XBJ Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XEH ILLINOISCAPACITOR-687FSB360XEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XGEH ILLINOISCAPACITOR-687FSB360XGEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL360XCE ILLINOISCAPACITOR-107FSL360XCE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL450XCF ILLINOISCAPACITOR-107FSL450XCF Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
157FSL360XBP ILLINOISCAPACITOR-157FSL360XBP Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com