Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7801BRZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD7801BRZ-REEL
Description  2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7801BRZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7801BRZ-REEL Datasheet HTML 7Page - Analog Devices AD7801BRZ-REEL Datasheet HTML 8Page - Analog Devices AD7801BRZ-REEL Datasheet HTML 9Page - Analog Devices AD7801BRZ-REEL Datasheet HTML 10Page - Analog Devices AD7801BRZ-REEL Datasheet HTML 11Page - Analog Devices AD7801BRZ-REEL Datasheet HTML 12Page - Analog Devices AD7801BRZ-REEL Datasheet HTML 13Page - Analog Devices AD7801BRZ-REEL Datasheet HTML 14Page - Analog Devices AD7801BRZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7801
–11–
REV. 0
In the circuit shown the
LDAC is hardwired low thus the DAC
output is updated on the rising edge of
WR. Some applications
may require synchronous updating of the DAC in the AD7801.
In this case the
LDAC signal can be driven from an external
timer or can be controlled by the microprocessor. One option
for synchronous updating is to decode the
LDAC from the ad-
dress bus so a write operation at this address will synchronously
update the DAC output. A simple OR gate with one input
driven from the decoded address and the second input from the
WR signal will implement this function.
AD7801–8051/8088 Interface
Figure 31 shows a serial interface between the AD7801 and the
8051/8088 processors.
ADDR
DECODE
EN
ADDRESS BUS
AD7801*
CS
LDAC
WR
DB7
DB0
DATA BUS
*ADDITIONAL CIRCUITRY OMITTED FOR CLARITY.
A15
A8
PSEN OR DEN
WR
AD7
AD0
8051/8088*
ALE
OCTAL
LATCH
Figure 31. AD7801–8051/8088 Interface
APPLICATIONS
Bipolar Operation Using the AD7801
The AD7801 has been designed for unipolar operation but
bipolar operation is possible using the circuit in Figure 32. The
circuit shown is configured for an output voltage range of –5 V
to +5 V. Rail-to-rail operation at the amplifier output is achievable
by using an AD820 or OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
VO = R2 1+
R4
R3


/ R1
+ R2
()× 2VREFD
256


−V
REF
R4
R3


Where D is the decimal equivalent of the code loaded to the
DAC and VREF is the reference voltage input.
With VREF = 2.5 V, R1 = R3 = 10 k
Ω and R2 = R4 = 20 kΩ and
VDD = 5 V.
VO =
10D
256


–5
DATA
BUS
CONTROL
INPUTS
AD7801
CS WR LDAC
VOUT
D7-D0
CLR
PD
VDD
REF IN
VDD = 3V TO 5V
VDD AGND DGND
10 F
0.1 F
0.1 F
EXT REF V
OUT
VIN
GND
AD780/REF192
WITH VDD = 5V
OR
AD589 WITH VDD = 3V
R1
10k
R2
20k
+5V
±5V
R3
10k
R4
20k
–5V
AD820/
OP295
Figure 32. Bipolar Operation Using the AD7801
Decoding Multiple AD7801s in a System
The
CS pin on the AD7801 can be used in applications to
decode a number of DACs. In this application, all DACs in the
system receive the same input data, but only the
CS to one of
the DACs will be active at any one time allowing access to one
channel in the system. The 74HC139 is used as a two-to-four
line decoder to address any of the DACs in the system. To
prevent timing errors from occurring, the Enable input on the
74HC139 should be brought to its inactive state while the
Coded Address inputs are changing state. Figure 33 shows a
diagram of a typical setup for decoding multiple AD7801
devices in a system. The built-in power-on reset circuit on the
AD7801 ensures that the outputs of all DACs in the system
power up with zero volts on their outputs.
AD7801
CS
WR
D0
D7
LDAC
VOUT
AD7801
CS
WR
D0
D7
LDAC
VOUT
AD7801
CS
WR
D0
D7
LDAC
VOUT
AD7801
CS
WR
D0
D7
LDAC
VOUT
74HC139
VCC
VDD
1
G
1A
1B
DGND
ENABLE
CODED
ADDRESS
WR
1Y0
1Y1
1Y2
1Y3
DATA BUS
Figure 33. Decoding Multiple AD7801s


Similar Part No. - AD7801BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7801BR AD-AD7801BR Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BR AD-AD7801BR Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRU AD-AD7801BRU Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRU AD-AD7801BRU Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD7801BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7801 AD-AD7801 Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com