Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7745ARUZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD7745ARUZ-REEL
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7745ARUZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7745ARUZ-REEL Datasheet HTML 2Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 3Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 4Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 5Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 6Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 7Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 8Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 9Page - Analog Devices AD7745ARUZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Positive Supply Voltage VDD to GND
0.3 V to +6.5 V
Voltage on any Input or Output Pin to
GND
–0.3 V to VDD + 0.3 V
ESD Rating (ESD Association Human Body
Model, S5.1)
2000 V
Operating Temperature Range
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θ
JA
,
(Thermal Impedance-to-Air)
128°C/W
TSSOP Package
θ
JC
,
(Thermal Impedance-to-Case)
14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD7745ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745ARUZ-REEL AD-AD7745ARUZ-REEL Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL7 AD-AD7745ARUZ-REEL7 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Similar Description - AD7745ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com