Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7742YR Datasheet(PDF) 2 Page - Analog Devices

Part # AD7742YR
Description  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7742YR Datasheet(HTML) 2 Page - Analog Devices

  AD7742YR Datasheet HTML 1Page - Analog Devices AD7742YR Datasheet HTML 2Page - Analog Devices AD7742YR Datasheet HTML 3Page - Analog Devices AD7742YR Datasheet HTML 4Page - Analog Devices AD7742YR Datasheet HTML 5Page - Analog Devices AD7742YR Datasheet HTML 6Page - Analog Devices AD7742YR Datasheet HTML 7Page - Analog Devices AD7742YR Datasheet HTML 8Page - Analog Devices AD7742YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD7741–SPECIFICATIONS
(VDD = +4.75 V to +5.25 V; VREF = +2.5 V; fCLKIN = 6.144 MHz; all specifications TMIN to
TMAX unless otherwise noted.)
B and Y Version
1
Parameter
2
Min
Typ
Max
Units
Conditions/Comments
DC PERFORMANCE
Integral Nonlinearity
fCLKIN = 200 kHz
3
±0.012
% of Span
4
fCLKIN = 3 MHz
3
±0.012
% of Span
fCLKIN = 6.144 MHz
±0.024
% of Span
VDD > 4.8 V
Offset Error
±40
mV
Gain Error
0
+0.8
+1.6
% of Span
Offset Error Drift
3
±30
µV/°C
Gain Error Drift
3
±16
ppm of Span/
°C
Power Supply Rejection Ratio
3
–63
dB
∆V
DD =
±5%
ANALOG INPUT
5
Input Current
±50
±100
nA
Input Voltage Range
0
VREF
V
+2.5 V REFERENCE (REFIN/OUT)
REFIN
Nominal Input Voltage
2.5
V
Input Impedance
6
N/A
REFOUT
Output Voltage
2.38
2.50
2.60
V
Output Impedance
3
1k
Reference Drift3
±50
ppm/
°C
Line Rejection
–60
dB
Reference Noise (0.1 Hz to 10 Hz)
3
100
µV p-p
LOGIC OUTPUT
Output High Voltage, VOH
4.0
V
Output Sourcing 800
µA7
Output Low Voltage, VOL
0.4
V
Output Sinking 1.6 mA
7
Minimum Output Frequency
0.05 fCLKIN
Hz
VIN = 0 V
Maximum Output Frequency
0.45 fCLKIN
Hz
VIN = VREF
LOGIC INPUT
PD ONLY
Input High Voltage, VIH
2.4
V
Input Low Voltage, VIL
0.8
V
Input Current
±100
nA
Pin Capacitance
6
10
pF
CLKIN ONLY
Input High Voltage, VIH
3.5
V
Input Low Voltage, VIL
0.8
V
Input Current
±2
µA
Pin Capacitance
6
10
pF
CLOCK FREQUENCY
Input Frequency
6.144
MHz
For Specified Performance
POWER REQUIREMENTS
VDD
4.75
5.25
V
IDD (Normal Mode)
8
mA
Output Unloaded
IDD (Power-Down)
15
35
µA
Power-Up Time
3
30
µs
Coming Out of Power-Down Mode
NOTES
1Temperature ranges: B Version –40
°C to +85°C: Y Version: –40°C to +105°C.
2See Terminology.
3Guaranteed by design and characterization, not production tested.
4Span = Maximum Output Frequency–Minimum Output Frequency.
5The absolute voltage on the input pin must not go more positive than V
DD – 2.25 V or more negative than GND.
6Because this pin is bidirectional, any external reference must be capable of sinking/sourcing 400
µA in order to overdrive the internal reference.
7These logic levels apply to CLKOUT only when it is loaded with one CMOS load.
Specifications subject to change without notice.


Similar Part No. - AD7742YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7742YR AD-AD7742YR Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YR AD-AD7742YR Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YR AD-AD7742YR Datasheet
120Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results

Similar Description - AD7742YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741 AD-AD7741_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BNZ AD-AD7741BNZ Datasheet
120Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com