Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7533SQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7533SQ
Description  CMOS Low Cost, 10-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7533SQ Datasheet(HTML) 5 Page - Analog Devices

  AD7533SQ Datasheet HTML 1Page - Analog Devices AD7533SQ Datasheet HTML 2Page - Analog Devices AD7533SQ Datasheet HTML 3Page - Analog Devices AD7533SQ Datasheet HTML 4Page - Analog Devices AD7533SQ Datasheet HTML 5Page - Analog Devices AD7533SQ Datasheet HTML 6Page - Analog Devices AD7533SQ Datasheet HTML 7Page - Analog Devices AD7533SQ Datasheet HTML 8Page - Analog Devices AD7533SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7533
Rev. C | Page 5 of 12
TERMINOLOGY
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for ideal zero and full scale and is expressed in % of
full-scale range or (sub) multiples of 1 LSB.
Resolution
Value of the LSB. For example, a unipolar converter with n bits
has a resolution of (2–n) (VREF). A bipolar converter of n bits has
a resolution of [2–(n–1)] (VREF). Resolution in no way implies
linearity.
Settling Time
Time required for the output function of the DAC to settle to
within ½ LSB for a given digital input stimulus, that is, 0 to
full scale.
Gain Error
Gain error is a measure of the output error between an ideal
DAC and the actual device output. It is measured with all 1s in
the DAC after offset error is adjusted out and is expressed in LSBs.
Gain error is adjustable to zero with an external potentiometer.
Feedthrough Error
Error caused by capacitive coupling from VREF to output with all
switches off.
Output Capacitance
Capacity from IOUT1 and IOUT2 terminals to ground.
Output Leakage Current
Current that appears on IOUT1 terminal with all digital inputs
low or on IOUT2 terminal when all inputs are high.


Similar Part No. - AD7533SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7533SQ AD-AD7533SQ Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533SQ AD-AD7533SQ Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
More results

Similar Description - AD7533SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com