Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSD601-ST1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MSD601-ST1
Description  NPN General Purpose Amplifier Transistors Surface Mount?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSD601-ST1 Datasheet(HTML) 1 Page - Motorola, Inc

  MSD601-ST1 Datasheet HTML 1Page - Motorola, Inc MSD601-ST1 Datasheet HTML 2Page - Motorola, Inc MSD601-ST1 Datasheet HTML 3Page - Motorola, Inc MSD601-ST1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NPN General Purpose Amplifier
Transistors Surface Mount
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector–Base Voltage
V(BR)CBO
60
Vdc
Collector–Emitter Voltage
V(BR)CEO
50
Vdc
Emitter–Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Collector Current — Peak
IC(P)
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
– 55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Max
Unit
Collector–Emitter Breakdown Voltage (IC = 2.0 mAdc, IB = 0)
V(BR)CEO
50
Vdc
Collector–Base Breakdown Voltage (IC = 10 µAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter–Base Breakdown Voltage (IE = 10 µAdc, IC = 0)
V(BR)EBO
7.0
Vdc
Collector–Base Cutoff Current (VCB = 45 Vdc, IE = 0)
ICBO
0.1
µAdc
Collector–Emitter Cutoff Current (VCE = 10 Vdc, IB = 0)
ICEO
100
nAdc
DC Current Gain(1)
(VCE = 10 Vdc, IC = 2.0 mAdc)
MSD601–RT1
MSD601–ST1
(VCE = 2.0 Vdc, IC = 100 mAdc)
hFE1
hFE2
210
290
90
340
460
Collector–Emitter Saturation Voltage (IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.5
Vdc
1. Pulse Test: Pulse Width
≤ 300 µs, D.C. ≤ 2%.
DEVICE MARKING
Marking Symbol
YRX
MSD601–RT1
YSX
MSD601–ST1
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MSD601–RT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
MSD601-RT1
MSD601-ST1
*Motorola Preferred Device
*
CASE 318D–03, STYLE 1
SC–59
2
1
3
COLLECTOR
3
2
BASE
1
EMITTER
REV 2


Similar Part No. - MSD601-ST1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MSD601-ST1 LRC-MSD601-ST1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
E-Tech Electronics LTD
MSD601-ST1 ETL-MSD601-ST1 Datasheet
78Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSD601-ST1 ONSEMI-MSD601-ST1 Datasheet
85Kb / 3P
   NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
More results

Similar Description - MSD601-ST1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
   NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
logo
Motorola, Inc
MSD1819ART1 MOTOROLA-MSD1819ART1 Datasheet
153Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
   NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
E-Tech Electronics LTD
MSD601 ETL-MSD601 Datasheet
78Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Motorola, Inc
MSB710QT1 MOTOROLA-MSB710QT1 Datasheet
125Kb / 6P
   PNP General Purpose Amplifier Transistors Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com