Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

688SAK010M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 688SAK010M
Description  85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

688SAK010M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  688SAK010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 688SAK010M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SAK
+85°C, Low Profile, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
1
50
105SAK050M
198.944
13
5x9
1
100
105SAK100M
132.629
21
5x9
2.2
50
225SAK050M
90.429
26
5x9
2.2
100
225SAK100M
6.029
30
5x9
3.3
50
335SAK050M
60.286
35
5x9
3.3
100
335SAK100M
40.191
40
5x9
4.7
50
475SAK050M
42.328
40
5x9
4.7
100
475SAK100M
28.219
50
5x9
10
63
106SAK063M
16.579
70
5x9
10
100
106SAK100M
13.263
80
6.3x9
10
400
106SAK400M
41.447
140
16x15
22
50
226SAK050M
9.043
90
5x9
22
63
226SAK063M
7.536
110
6.3x9
22
100
226SAK100M
6.029
135
8x9
22
250
226SAK250M
15.071
280
16x15
22
400
226SAK400M
18.839
280
18x15
33
35
336SAK035M
7.033
100
5x9
33
50
336SAK050M
6.029
120
6.3x9
33
63
336SAK063M
5.024
135
6.3x9
33
100
336SAK100M
4.019
170
10x9
33
200
336SAK200M
10.048
350
16x15
33
250
336SAK250M
10.048
350
18x15
33
400
336SAK400M
12.56
350
18x20
47
25
476SAK025M
5.644
110
5x9
47
50
476SAK050M
4.233
140
6.3x9
47
63
476SAK063M
3.527
175
8x9
47
100
476SAK100M
2.822
230
10x12.5
47
160
476SAK160M
7.055
420
16x15
47
200
476SAK200M
7.055
420
18x15
47
250
476SAK250M
7.055
420
18x20
47
400
476SAK400M
8.818
420
18x25
68
160
686SAK160M
4.876
490
18x15
68
250
686SAK250M
4.876
490
18x20
100
10
107SAK010M
3.979
135
5x9
100
25
107SAK025M
2.653
180
6.3x9
100
35
107SAK035M
2.321
210
8x9
100
50
107SAK050M
1.989
240
10x9
100
63
107SAK063M
1.658
300
10x12.5
100
100
107SAK100M
1.326
370
12.5x15
100
160
107SAK160M
3.316
590
18x20
100
250
107SAK250M
3.316
590
18x25
150
200
157SAK200M
2.21
710
18x25
220
10
227SAK010M
1.809
220
6.3x7
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
220
16
227SAK016M
1.507
270
8x9
220
35
227SAK035M
1.055
330
10x9
220
63
227SAK063M
0.754
470
12.5x12.5
220
100
227SAK100M
0.603
620
16x15
330
6.3
337SAK6R3M
1.407
250
6.3x9
330
10
337SAK010M
1.206
300
8x9
330
25
337SAK025M
0.804
370
10x9
330
35
337SAK035M
0.703
460
10x12.5
330
50
337SAK050M
0.603
520
12.5x12.5
330
63
337SAK063M
0.502
600
12.5x15
330
100
337SAK100M
0.402
830
18x20
470
10
477SAK010M
0.847
360
8x9
470
16
477SAK016M
0.706
400
10x9
470
25
477SAK025M
0.564
520
10x12.5
470
35
477SAK035M
0.494
570
12.5x12.5
470
50
477SAK050M
0.423
730
16x15
470
63
477SAK063M
0.353
840
18x15
470
100
477SAK100M
0.282
1080
18x25
1000
6.3
108SAK6R3M
0.464
490
10x9
1000
10
108SAK010M
0.398
620
10x12.5
1000
16
108SAK016M
0.332
700
12.5x12.5
1000
25
108SAK025M
0.265
820
12.5x15
1000
35
108SAK035M
0.232
990
16x15
1000
50
108SAK050M
0.199
1180
18x20
1000
63
108SAK063M
0.166
1410
18x25
2200
10
228SAK010M
0.211
950
12.5x15
2200
16
228SAK016M
0.181
1170
16x15
2200
25
228SAK025M
0.151
1350
18x15
2200
35
228SAK035M
0.136
1520
18x20
2200
50
228SAK050M
0.121
1750
18x25
3300
10
338SAK010M
0.151
1270
16x15
3300
16
338SAK016M
0.131
1430
18x15
3300
25
338SAK025M
0.111
1660
18x20
4700
6.3
478SAK6R3M
0.12
1380
16x15
4700
10
478SAK010M
0.113
1530
18x15
4700
16
478SAK016M
0.099
1740
18x20
4700
25
478SAK025M
0.085
2060
18x25
6800
6.3
688SAK6R3M
0.1
1640
18x15
6800
10
688SAK010M
0.09
1830
18x20
6800
16
688SAK016M
0.08
2120
18x25
10000
6.3
109SAK6R3M
0.08
1950
18x20
10000
10
109SAK010M
0.07
2230
18x25


Similar Part No. - 688SAK010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
688SAK010M ILLINOISCAPACITOR-688SAK010M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
688SAK010M ILLINOISCAPACITOR-688SAK010M Datasheet
242Kb / 2P
   Low Profile, 2000 hours
688SAK010M ILLINOISCAPACITOR-688SAK010M Datasheet
236Kb / 2P
   Small size ??Low Profile ??Lead Free Leads
More results

Similar Description - 688SAK010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_16 Datasheet
249Kb / 2P
   5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
   85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com