Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

224MTB250KE Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 224MTB250KE
Description  Radial leaded metallized polyester film capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224MTB250KE Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  224MTB250KE Datasheet HTML 1Page - Illinois Capacitor, Inc. 224MTB250KE Datasheet HTML 2Page - Illinois Capacitor, Inc. 224MTB250KE Datasheet HTML 3Page - Illinois Capacitor, Inc. 224MTB250KE Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MTB
Radial leaded metallized
polyester film capacitors
Features
Self Healing
Small size
Low ESR
Low cost
Applications
General Purpose
Coupling
Bypass
Blocking
Specifications
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
63
100
250
400
630
1000
VAC
40
63
160
200
220
250
Peak, AC voltage (50/60 Hz)
For T>+85°C , The voltage must be decreased by 1.25% per °C
Frequency (kHz)
C<1uF
C>1uF
1
0.8%
1.0%
Dissipation Factor (MAX)
25°C
10
1.5%
-
WVDC
Capacitance
Insulation Resistance
<100
<0.33
μF
3750 MΩ
>100
>0.33
μF
1250 MΩxμF
<100
<0.33
μF
30000 MΩxμF
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
>100
>0.33
μF
10000 MΩxμF
2000 Hours, +100°C with 125% of rated voltage
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C for C<1uF
<0.003 at 1kHz and 25°C for C>1uF
Load Life
Insulation Resistance
>50% of maximum specified value
1000 Hours, 93%RH(+/-2%), +40°C and no voltage applied
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
5 Fit at 50% of rated voltage and +40°C
Capacitance Change
<2% of initially measured value
Dissipation Factor
<0.005 at 10kHz and 25°C for C<1uF
<0.003 at 1kHz and 25°C for C>1uF
Reliability
(1 FIT= 1 failure per billion
components hours)
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
+400 ppm/°C, +200ppm/°C
Terminal to Terminal
Dielectric Strength
160% of VDC applied for 2 Seconds and 25°C
Dielectric
Polyester
Construction
Metallized film
Coating
Flame Retardant plastic box (UL94V-1) and epoxy resin (UL94V0)
Leads
Lead free tinned copper leads


Similar Part No. - 224MTB250KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224MTB250KE ILLINOISCAPACITOR-224MTB250KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
224MTB250KE ILLINOISCAPACITOR-224MTB250KE Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
More results

Similar Description - 224MTB250KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
102MWR630K ILLINOISCAPACITOR-102MWR630K_13 Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102MTR102KA ILLINOISCAPACITOR-102MTR102KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com