Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA56 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MPSA56
Description  PNP General Purpose Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MPSA56 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MPSA56 Datasheet HTML 1Page - Fairchild Semiconductor MPSA56 Datasheet HTML 2Page - Fairchild Semiconductor MPSA56 Datasheet HTML 3Page - Fairchild Semiconductor MPSA56 Datasheet HTML 4Page - Fairchild Semiconductor MPSA56 Datasheet HTML 5Page - Fairchild Semiconductor MPSA56 Datasheet HTML 6Page - Fairchild Semiconductor MPSA56 Datasheet HTML 7Page - Fairchild Semiconductor MPSA56 Datasheet HTML 8Page - Fairchild Semiconductor MPSA56 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PNP General Purpose Amplifier
(continued)
Typical Characteristics (continued)
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
0.001
0.01
0.1
1
10
T - AMBIENT TEMPERATURE ( C)
A
º
V
= 60V
CB
Collector Saturation Region
3000
5000
10000
20000
30000
50000
0
2
4
6
8
10
I - BASE CURRENT (uA)
B
10 mA
100 mA
1 mA
T
= 25°C
I
=
C
A
Gain Bandwidth Product
vs Collector Current
1
10
100
0
50
100
150
200
250
300
350
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
Input and Output Capacitance
vs Reverse Voltage
0.1
1
10
100
100
V
- COLLECTOR VOLTAGE (V)
C
f = 1.0 MHz
CE
ib
Cob
Base-Emitter Saturation
Voltage vs Collect or Current
10
100
1000
0.4
0.6
0.8
1
1.2
I - COLLECTOR CURRE NT (mA)
C
β = 10
- 40 °C
125 °C
25 °C
Base Emitter ON Voltage vs
Collect or Curre nt
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
I - COLLECTOR CURRE NT (mA)
C
V
= 1V
CE
- 40 °C
125 °C
25 °C


Similar Part No. - MPSA56

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA56 MCC-MPSA56 Datasheet
573Kb / 4P
   PNP Silicon Amplifier Transistor
logo
Motorola, Inc
MPSA56 MOTOROLA-MPSA56 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Fairchild Semiconductor
MPSA56 FAIRCHILD-MPSA56 Datasheet
1Mb / 15P
   PNP General Purpose Amplifier
logo
SHENZHEN YONGERJIA INDU...
MPSA56 WINNERJOIN-MPSA56 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
Silicon Supplies
MPSA56 SS-MPSA56 Datasheet
920Kb / 4P
   PNP Transistor Bare Die
More results

Similar Description - MPSA56

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com