Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

226RZS063M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 226RZS063M
Description  105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226RZS063M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  226RZS063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226RZS063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 226RZS063M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
67
®
RZS
+105°C High Frequency
Radial Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
25
(32)
16
(20)
10
(13)
6.3
(8)
22
470
330
1,000
35
(44)
-
+
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
(µF)
33
47
100
220
2,200
50
(63)
63
(79)
10x12.5
10x16
10x12.5
10x16
10x12.5
10x16
10x20
10x12.5
10x16
10x20
12.5x20
12.5x25
10x12.5
10x16
12.5x20
12.5x25
16x25
16x31.5
10x16
10x20
12.5x25
16x25
16x31.5
16x35.5
10x20
12.5x20
16x25
16x35.5
12.5x25
16x25
16x31.5
16x25
16x31.5
16x35.5
NOTE: Case Vent is standard on all diameter
≥8.0mm
D
5.0
6.3
8.0
10.0
12.5
16.0
S
2.0
2.5
3.5
5.0
5.0
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
LEAD INFORMATION VS. CASE DIAMETER
Convert to inches, divide by 25.4
DxL(mm)
L
≤16
L1 = L + 1.5 mm Max.
L>16
L1 = L + 2.0 mm Max.
D1 = D + B Max.
D =12.5 and L>25, d=0.8
S1 = S ± 0.5 mm
WVDC
(SV)


Similar Part No. - 226RZS063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226RZS063M ILLINOISCAPACITOR-226RZS063M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 226RZS063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104STF050M ILLINOISCAPACITOR-104STF050M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com