Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104MTB250KE Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 104MTB250KE
Description  Radial leaded metallized polyester film capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104MTB250KE Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  104MTB250KE Datasheet HTML 1Page - Illinois Capacitor, Inc. 104MTB250KE Datasheet HTML 2Page - Illinois Capacitor, Inc. 104MTB250KE Datasheet HTML 3Page - Illinois Capacitor, Inc. 104MTB250KE Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MTB
Metallized Polyester Radial
Lead Box
Capacitance
(µF)
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims LxHxT (mm)
S (MM)
d (MM)
10
106MTB100KH
2
32x20x11
27.5
0.8
10
106MTB160KH
3
32x22x13
27.5
0.8
10
106MTB250KH
5
32x33x18
27.5
0.8
10
106MTB250KJ
4
42.5x28x17
37.5
0.8
10
106MTB400KJ
6.5
42.5x30x22
37.5
1
15
156MTB063KG
2
26.5x22x13
22.5
0.8
15
156MTB063KH
1
32x20x11
27.5
0.8
15
156MTB100KH
2
32x22x13
27.5
0.8
15
156MTB160KH
3
32x28x14
27.5
0.8
15
156MTB250KH
5
32x37x22
27.5
0.8
15
156MTB250KJ
4
42.5x28x17
37.5
0.8
15
156MTB400KJ
6.5
42.5x37x28
37.5
1
22
226MTB063KH
1
32x22x13
27.5
0.8
22
226MTB100KH
2
32x28x14
27.5
0.8
22
226MTB160KH
3
32x37x22
27.5
0.8
22
226MTB160KJ
2.2
42.5x28x17
37.5
0.8
22
226MTB250KJ
4
42.5x30x22
37.5
1
22
226MTB400KJ
6.5
42.5x45x30
37.5
1.2
33
336MTB063KH
1
32x24.5x15
27.5
0.8
Capacitance
(µF)
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims LxHxT (mm)
S (MM)
d (MM)
33
336MTB100KH
2
32x33x18
27.5
0.8
33
336MTB100KJ
1.2
42.5x28x17
37.5
0.8
33
336MTB160KJ
2.2
42.5x30x22
37.5
1
33
336MTB250KJ
4
42.5x37x28
37.5
1
47
476MTB063KH
1
32x33x18
27.5
0.8
47
476MTB063KJ
0.8
42.5x28x17
37.5
0.8
47
476MTB100KH
2
32x37x22
27.5
0.8
47
476MTB100KJ
1.2
42.5x30x22
37.5
1
47
476MTB160KJ
2.2
42.5x37x28
37.5
1
47
476MTB250KJ
4
42.5x47x30
37.5
1.2
68
686MTB063KH
1
32x37x22
27.5
0.8
68
686MTB063KJ
0.8
42.5x30x22
37.5
1
68
686MTB100KJ
1.2
42.5x37x28
37.5
1
68
686MTB160KJ
1.2
42.5x45x30
37.5
1.2
82
826MTB100KJ
1.2
42.5x45x30
37.5
1.2
82
826MTB160KJ
2.2
42.5x45x30
37.5
1.2
100
107MTB063KJ
0.8
42.5x37x28
37.5
1
150
157MTB063KJ
0.8
42.5x45x30
37.5
1.2


Similar Part No. - 104MTB250KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104MTB250KE ILLINOISCAPACITOR-104MTB250KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
104MTB250KE ILLINOISCAPACITOR-104MTB250KE Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
More results

Similar Description - 104MTB250KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
102MWR630K ILLINOISCAPACITOR-102MWR630K_13 Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102MTR102KA ILLINOISCAPACITOR-102MTR102KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com