Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD876JR-8 Datasheet(PDF) 3 Page - Analog Devices

Part # AD876JR-8
Description  10-Bit 20 MSPS 160 mW CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876JR-8 Datasheet(HTML) 3 Page - Analog Devices

  AD876JR-8 Datasheet HTML 1Page - Analog Devices AD876JR-8 Datasheet HTML 2Page - Analog Devices AD876JR-8 Datasheet HTML 3Page - Analog Devices AD876JR-8 Datasheet HTML 4Page - Analog Devices AD876JR-8 Datasheet HTML 5Page - Analog Devices AD876JR-8 Datasheet HTML 6Page - Analog Devices AD876JR-8 Datasheet HTML 7Page - Analog Devices AD876JR-8 Datasheet HTML 8Page - Analog Devices AD876JR-8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD876
REV. B
–3–
DIGITAL SPECIFICATIONS
AD876
Parameter
Symbol
DRVDD
Min
Typ
Max
Units
LOGIC INPUT
High Level Input Voltage
VIH
3.0
2.4
V
5.0
4.0
V
5.25
4.2
V
Low Level Input Voltage
VIL
3.0
0.6
V
5.0
1.0
V
5.25
1.05
V
High Level Input Current
IIH
5.0
–10
+10
µA
Low Level Input Current
IIL
5.0
–50
+50
µA
Low Level Input Current (CLK Only)
IIL
5.0
–10
+10
µA
Input Capacitance
CIN
5pF
LOGIC OUTPUTS
High Level Output Voltage
VOH
(IOH = 50
µA)
3.0
2.4
V
5.0
3.8
V
(IOH = 0.5 mA)
5.0
2.4
V
Low Level Output Voltage
VOL
(IOL = 50
µA)
3.6
0.7
V
5.25
1.05
V
(IOL = 0.6 mA)
5.25
0.4
V
Output Capacitance
COUT
5pF
Output Leakage Current
IOZ
–10
10
µA
Specifications subject to change without notice.
TIMING SPECIFICATIONS
Symbol
Min
Typ
Max
Units
Maximum Conversion Rate1
20
MHz
Clock Period
tC
50
ns
Clock High
tCH
23
25
ns
Clock Low
tCL
23
25
ns
Output Delay
tOD
10
20
ns
Pipeline Delay (Latency)
3.5
Clock Cycles
Aperture Delay Time
4
ns
Aperture Jitter
22
ps
NOTE
1Conversion rate is operational down to 10 kHz without degradation in specified performance.
OUT
DATA N-4
DATA N-3
DATA N-2
DATA N-1
DATA N
SAMPLE N
SAMPLE N+1
SAMPLE N+2
AIN
CLK
tCL
tCH
tC
tOD
Figure 1. Timing Diagram
(TMIN to TMAX with AVDD = +5.0 V, DVDD = +5.0 V, DRVDD = +3.3 V, VREFT = +4.0 V, VREFB = +2.0 V,
fCLOCK = 20 MSPS, CL = 20 pF unless otherwise noted)


Similar Part No. - AD876JR-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876JR-8 AD-AD876JR-8 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JR-8 AD-AD876JR-8 Datasheet
370Kb / 17P
   CMOS A/D Converter
More results

Similar Description - AD876JR-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com