Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD844BQ Datasheet(PDF) 6 Page - Analog Devices

Part # AD844BQ
Description  60 MHz 2000 V Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844BQ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD844BQ Datasheet HTML 2Page - Analog Devices AD844BQ Datasheet HTML 3Page - Analog Devices AD844BQ Datasheet HTML 4Page - Analog Devices AD844BQ Datasheet HTML 5Page - Analog Devices AD844BQ Datasheet HTML 6Page - Analog Devices AD844BQ Datasheet HTML 7Page - Analog Devices AD844BQ Datasheet HTML 8Page - Analog Devices AD844BQ Datasheet HTML 9Page - Analog Devices AD844BQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD844
Rev. F | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C and VS = ±15 V, unless otherwise noted.
70
60
50
40
30
SUPPLY VOLTAGE (±V)
20
0
5
10
15
Figure 4. −3 dB Bandwidth vs. Supply Voltage, R1 = R2 = 500 Ω
–60
–70
100
1k
10k
100k
–80
–90
–100
–110
–120
–130
INPUT FREQUENCY (Hz)
THIRD HARMONIC
SECOND HARMONIC
1V rms
Figure 5. Harmonic Distortion vs. Input Frequency, R1 = R2 = 1 kΩ
–50
0
50
100
150
5
4
3
2
1
0
TEMPERATURE (°C)
RL =
RL = 500Ω
RL = 50Ω
Figure 6. Transresistance vs. Temperature
20
15
0
10
5
SUPPLY VOLTAGE (±V)
20
0
5
10
15
TA = 25°C
Figure 7. Noninverting Input Voltage Swing vs. Supply Voltage
20
15
0
10
5
SUPPLY VOLTAGE (±V)
20
0
5
10
15
RL = 500Ω
TA = 25°C
Figure 8. Output Voltage Swing vs. Supply Voltage
TEMPERATURE (-°C)
10
140
–60
–40
–20
0
20
40
60
80
100
120
9
8
7
6
5
4
VS = ±5V
VS = ±15V
Figure 9. Quiescent Supply Current vs. Temperature and Supply Voltage


Similar Part No. - AD844BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844BQ AD-AD844BQ Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844BQ AD-AD844BQ Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

Similar Description - AD844BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
   Wideband, Low Power Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
   Quad, Low-Power Monolithic Op Amp
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
[Old version datasheet]   Quad, Low Power Monolithic Op Amp
logo
National Semiconductor ...
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com