Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD844ANZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD844ANZ
Description  60 MHz 2000 V Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844ANZ Datasheet(HTML) 5 Page - Analog Devices

  AD844ANZ Datasheet HTML 1Page - Analog Devices AD844ANZ Datasheet HTML 2Page - Analog Devices AD844ANZ Datasheet HTML 3Page - Analog Devices AD844ANZ Datasheet HTML 4Page - Analog Devices AD844ANZ Datasheet HTML 5Page - Analog Devices AD844ANZ Datasheet HTML 6Page - Analog Devices AD844ANZ Datasheet HTML 7Page - Analog Devices AD844ANZ Datasheet HTML 8Page - Analog Devices AD844ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD844
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Supply Voltage
±18 V
Power Dissipation1
1.1 W
Output Short-Circuit Duration
Indefinite
Input Common-Mode Voltage
±VS
Differential Input Voltage
6 V
Inverting Input Current
Continuous
5 mA
Transient
10 mA
Storage Temperature Range (Q)
−65
°C to +150°C
Storage Temperature Range (N, RW)
−65
°C to +125°C
Lead Temperature (Soldering, 60 sec)
300
°C
ESD Rating
1000 V
1 28-lead PDIP package: θJA = 90°C/W.
8-lead CERDIP package: θJA = 110°C/W.
16-lead SOIC package: θJA = 100°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
METALLIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (millimeters).
–IN
NULL
NULL
+VS
0.076
(1.9)
+IN
–VS
SUBSTRATE CONNECTED TO +VS
TZ
OUTPUT
0.095
(2.4)
Figure 3. Die Photograph
ESD CAUTION


Similar Part No. - AD844ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844AN AD-AD844AN Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844AN AD-AD844AN Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

Similar Description - AD844ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
   Wideband, Low Power Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
   Quad, Low-Power Monolithic Op Amp
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
[Old version datasheet]   Quad, Low Power Monolithic Op Amp
logo
National Semiconductor ...
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com