Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA42 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBTA42
Description  NPN High Voltage Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTA42 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBTA42 Datasheet HTML 1Page - Fairchild Semiconductor MMBTA42 Datasheet HTML 2Page - Fairchild Semiconductor MMBTA42 Datasheet HTML 3Page - Fairchild Semiconductor MMBTA42 Datasheet HTML 4Page - Fairchild Semiconductor MMBTA42 Datasheet HTML 5Page - Fairchild Semiconductor MMBTA42 Datasheet HTML 6Page - Fairchild Semiconductor MMBTA42 Datasheet HTML 7Page - Fairchild Semiconductor MMBTA42 Datasheet HTML 8Page - Fairchild Semiconductor MMBTA42 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 1.0 mA, IB = 0
300
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
300
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100
µA, I
C = 0
6.0
V
ICBO
Collector-Cutoff Current
VCB = 200 V, IE = 0
0.1
µA
IEBO
Emitter-Cutoff Current
VEB = 6.0 V, IC = 0
0.1
µA
SMALL SIGNAL CHARACTERISTICS
ON CHARACTERISTICS*
hFE
DC Current Gain
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 30 mA, VCE = 10 V
25
40
40
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 20 mA, IB = 2.0 mA
0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 20 mA, IB = 2.0 mA
0.9
V
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
Spice Model
NPN (Is=34.9f Xti=3 Eg=1.11 Vaf=100 Bf=2.65K Ne=1.708 Ise=16.32p Ikf=23.79m Xtb=1.5 Br=9.769 Nc=2
Isc=0 Ikr=0 Rc=7 Cjc=14.23p Mjc=.5489 Vjc=.75 Fc=.5 Cje=49.62p Mje=.4136 Vje=.75 Tr=934.3p Tf=1.69n
Itf=5 Vtf=20 Xtf=150 Rb=10)
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 20 V,
f = 100 MHz
50
MHz
Ccb
Collector-Base Capacitance
VCB = 20 V, IE = 0, f = 1.0 MHz
3.0
pF
NPN High Voltage Amplifier
(continued)
Typical Characteristics
DC Current Gain
vs Collector Current
0.1
1
10
100
20
40
60
80
100
120
140
I
- COLLECTOR CURRENT (mA)
- 40 ºC
25 °C
C
V
= 5V
CE
125 °C
Collector-Emitter Saturation
Voltage vs Collector Current
P
0.1
1
10
100
0.05
0.1
0.15
0.2
0.25
0.3
I
- COLLECTOR CURRENT (mA)
C
β = 10
- 40 ºC
25 °C
125 °C


Similar Part No. - MMBTA42

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
2000 Apr 11
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Diodes Incorporated
MMBTA42 DIODES-MMBTA42 Datasheet
109Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30062 Rev. 10 - 2
logo
Jinan Jing Heng Electro...
MMBTA42 JINGHENG-MMBTA42 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - MMBTA42

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MMBTA42 KISEMICONDUCTOR-MMBTA42 Datasheet
7Mb / 4P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
TN6719A FAIRCHILD-TN6719A Datasheet
24Kb / 2P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA42 BILIN-MMBTA42 Datasheet
176Kb / 3P
   NPN High Voltage Amplifier
logo
Samsung semiconductor
KSC1009 SAMSUNG-KSC1009 Datasheet
70Kb / 2P
   NPN (HIGH VOLTAGE AMPLIFIER)
logo
Shenzhen Luguang Electr...
MMBTA42 LUGUANG-MMBTA42 Datasheet
663Kb / 3P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA43 BILIN-MMBTA43 Datasheet
219Kb / 3P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
MPSA43 FAIRCHILD-MPSA43_02 Datasheet
28Kb / 3P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA43 BILIN-MMBTA43_13 Datasheet
188Kb / 3P
   NPN High Voltage Amplifier
MMBTA42 BILIN-MMBTA42_13 Datasheet
166Kb / 4P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
MPSA43 FAIRCHILD-MPSA43 Datasheet
27Kb / 3P
   NPN High Voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com