Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD734SCHIPS Datasheet(PDF) 10 Page - Analog Devices

Part # AD734SCHIPS
Description  10 MHz, Four-Quadrant Multiplier/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734SCHIPS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD734SCHIPS Datasheet HTML 6Page - Analog Devices AD734SCHIPS Datasheet HTML 7Page - Analog Devices AD734SCHIPS Datasheet HTML 8Page - Analog Devices AD734SCHIPS Datasheet HTML 9Page - Analog Devices AD734SCHIPS Datasheet HTML 10Page - Analog Devices AD734SCHIPS Datasheet HTML 11Page - Analog Devices AD734SCHIPS Datasheet HTML 12Page - Analog Devices AD734SCHIPS Datasheet HTML 13Page - Analog Devices AD734SCHIPS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD734
Rev. E | Page 10 of 20
FUNCTIONAL DESCRIPTION
The AD734 embodies more than two decades of experience in
the design and manufacture of analog multipliers to provide:
A new output amplifier design with more than 20 times the
slew rate of the AD534 (450 V/μs vs. 20 V/μs) for a full
power (20 V p-p) bandwidth of 10 MHz.
Very low distortion, even at full power, through the use of
circuit and trimming techniques that virtually eliminate all
of the spurious nonlinearities found in earlier designs.
Direct control of the denominator, resulting in higher
multiplier accuracy and a gain-bandwidth product at small
denominator values that is typically 200 times greater than
that of the AD534 in divider modes.
Very clean transient response, achieved through the use of
a novel input stage design and wideband output amplifier,
which also ensure that distortion remains low even at high
frequencies.
Superior noise performance by careful choice of device
geometries and operating conditions, which provide a
guaranteed 88 dB of dynamic range in a 20 kHz bandwidth.
Figure 3 shows the lead configuration of the 14-lead PDIP and
CERDIP packages.
Figure 1 is a simplified block diagram of the AD734. Operation
is similar to that of the industry-standard AD534, and in many
applications, these parts are pin compatible. The main functional
difference is the provision for direct control of the denominator
voltage, U, explained fully in the Direct Denominator Control
section. Internal signals are in the form of currents, but the
function of the AD734 can be understood using voltages
throughout, as shown in Figure 1.
The AD734 differential X, Y, and Z inputs are handled by
wideband interfaces that have low offset, low bias current, and
low distortion. The AD734 responds to the difference signals
X = X1 − X2, Y = Y1 − Y2, and Z = Z1 − Z2, and rejects common-
mode voltages on these inputs. The X, Y, and Z interfaces provide a
nominal full-scale (FS) voltage of ±10 V, but, due to the special
design of the input stages, the linear range of the differential
input can be as large as ±17 V. Also, unlike previous designs, the
response on these inputs is not clipped abruptly above ±15 V,
but drops to a slope of one half.
The bipolar input signals X and Y are multiplied in a translinear
core of novel design to generate the product XY/U. The denomina-
tor voltage, U, is internally set to an accurate, temperature-stable
value of 10 V, derived from a buried-Zener reference. An uncali-
brated fraction of the denominator voltage U appears between
the voltage reference pin (ER) and the negative supply pin (VN),
for use in certain applications where a temperature-compensated
voltage reference is desirable. The internal denominator, U, can
be disabled, by connecting the denominator disable Pin 13
(DD) to the positive supply pin (VP); the denominator can then
be replaced by a fixed or variable external voltage ranging from
10 mV to more than 10 V.
The high gain output op amp nulls the difference between XY/
U and an additional signal, Z, to generate the final output, W.
The actual transfer function can take on several forms, depending
on the connections used. The AD734 can perform all of the
functions supported by the AD534, and new functions using
the direct-division mode provided by the U interface.
Each input pair (X1 and X2, Y1 and Y2, Z1 and Z2) has a
differential input resistance of 50 kΩ; this is formed by actual
resistors (not a small-signal approximation) and is subject to a
tolerance of ±20%. The common-mode input resistance is
several megohms and the parasitic capacitance is about 2 pF.
The bias currents associated with these inputs are nulled by
laser-trimming, such that when one input of a pair is optionally
ac-coupled and the other is grounded, the residual offset voltage
is typically less than 5 mV, which corresponds to a bias current
of only 100 nA. This low bias current ensures that mismatches
in the sources’ resistances at a pair of inputs does not cause an
offset error. These currents remain low over the full temperature
range and supply voltages.
The common-mode range of the X, Y, and Z inputs does not
fully extend to the supply rails. Nevertheless, it is often possible
to operate the AD734 with one terminal of an input pair con-
nected to either the positive or negative supply, unlike previous
multipliers. The common-mode resistance is several megohms.
The full-scale output of ±10 V can be delivered to a load resistance
of 1 kΩ (although the specifications apply to the standard multi-
plier load condition of 2 kΩ). The output amplifier is stable,
driving capacitive loads of at least 100 pF, when a slight increase
in bandwidth results from the peaking caused by this capacitance.
The 450 V/μs slew rate of the AD734 output amplifier ensures
that the bandwidth of 10 MHz can be maintained up to the full
output of 20 V p-p. Operation at reduced supply voltages is
possible, down to ±8 V, with reduced signal levels.
AVAILABLE TRANSFER FUNCTIONS
The uncommitted (open-loop) transfer function of the AD734 is
(
)(
) (
=
2
1
2
1
2
1
O
Z
Z
U
Y
Y
X
X
A
W
)
(1)
where AO is the open-loop gain of the output op amp, typically
72 dB. When a negative feedback path is provided, the circuit
forces the quantity inside the brackets essentially to zero,
resulting in the equation
(X1 − X2)(Y1 − Y2) = U (Z1 − Z2)
(2)
This is the most useful generalized transfer function for the
AD734; it expresses a balance between the product XY and the
product UZ. The absence of the output, W, in this equation only
reflects the fact that the input to be connected to the op amp
output is not specified.


Similar Part No. - AD734SCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734SCHIPS AD-AD734SCHIPS Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
More results

Similar Description - AD734SCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com