Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227RSS016M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227RSS016M
Description  85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227RSS016M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227RSS016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227RSS016M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
40
®
For all general purpose applications
I Suitable for dipped tantalum
replacement
I Small case sizes
I Capacitance range: 1 µF to2200 µF
I Voltage range: 6.3 WVDC to 50 WVDC
I Solvent tolerant end seals standard
FEATURES
RSS
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-40°C to +85°C
±20%at 120 Hz, 20°C
Shelf Life
500 hours at +85°C with no voltage applied.
Units will meet load life specifications
Load Life
1,000 hours at +85°C with rated voltage
6.3
10
16
25
35
50
.25
.2
.17
.15
.12
.10
Dissipation Factor
120Hz, 20°C
tan d
WVDC
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
5
4
3222
10
8
6444
WVDC
6.3
10
16
25
35
50
2 minutes
Leakage Current
.01 CV or 3 µA
whichever is greater
Time
≤50WVDC
WVDC
≤ 20% of initial measured value
≤ 200% of initial specified value
≤ initial specified value
Capacitance change
Dissipation factor
Leakage current
+85°C Low Profile
Radial Lead Aluminum
Electrolytic Capacitors
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
(See pages 33 thru 37)
Ripple Current Multipliers
Frequency (Hz)
50
120
400
1K
10K
100K
0.8
1.0
1.3
1.45
1.65
1.7
Temperature (°C)
+85
1.0
+70
1.3
+60
1.5
+30
1.8


Similar Part No. - 227RSS016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227RSS016M ILLINOISCAPACITOR-227RSS016M Datasheet
87Kb / 2P
   85째C Low Profile 85째C Low Profile Electrolytic Capacitors
227RSS016M ILLINOISCAPACITOR-227RSS016M Datasheet
194Kb / 2P
   7 to 15mm Height 1000 hours
227RSS016M ILLINOISCAPACITOR-227RSS016M Datasheet
189Kb / 2P
   Small size ??Low Prfile ??Lead Free Leads
227RSS016M ILLINOISCAPACITOR-227RSS016M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
227RSS016M ILLINOISCAPACITOR-227RSS016M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
More results

Similar Description - 227RSS016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_16 Datasheet
249Kb / 2P
   5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
   85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com