Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD592BN Datasheet(PDF) 6 Page - Analog Devices

Part # AD592BN
Description  Low Cost, Precision IC Temperature Transducer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD592BN Datasheet(HTML) 6 Page - Analog Devices

  AD592BN Datasheet HTML 1Page - Analog Devices AD592BN Datasheet HTML 2Page - Analog Devices AD592BN Datasheet HTML 3Page - Analog Devices AD592BN Datasheet HTML 4Page - Analog Devices AD592BN Datasheet HTML 5Page - Analog Devices AD592BN Datasheet HTML 6Page - Analog Devices AD592BN Datasheet HTML 7Page - Analog Devices AD592BN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD592
REV. A
–6–
VT
AVG
(1mV/K)
AD592
+5V
333.3
(0.1%)
VT
AVG
(10mV/K)
10k
(0.1%)
+15V
AD592
AD592
AD592
Figure 9. Average and Minimum Temperature
Connections
The circuit of Figure 10 demonstrates a method in which a
voltage output can be derived in a differential temperature
measurement.
R1
50k
10k
AD741
VOUT = (T1 – T2) x
(10mV/oC)
10k
5M
–V
+V
AD592
AD592
Figure 10. Differential Measurements
R1 can be used to trim out the inherent offset between the two
devices. By increasing the gain resistor (10 k
Ω) temperature
measurements can be made with higher resolution. If the magni-
tude of V+ and V– is not the same, the difference in power con-
sumption between the two devices can cause a differential
self-heating error.
Cold junction compensation (CJC) used in thermocouple signal
conditioning can be implemented using an AD592 in the circuit
configuration of Figure 11. Expensive simulated ice baths or
hard to trim, inaccurate bridge circuits are no longer required.
AD OP07E
REFERENCE
JUNCTION
100k
10k
VOUT
+7.5V
MEASURING
JUNCTION
1k
AD592
R
THERMOCOUPLE
TYPE
APPROX.
R VALUE
J
K
T
E
S
R
52
41
41
61
6
6
2.5V
AD1403
RG1
RG2
(1k
Ω)
Cu
Cu
Figure 11. Thermocouple Cold Junction Compensation
Response of the AD592 output to abrupt changes in ambient
temperature can be modeled by a single time constant
τ expo-
nential function. Figure 8 shows typical response time plots for
several media of interest.
TIME – sec
100
80
60
50
40
30
20
10
90
70
A
B
C
D
E
F
0
20 40 60 80 100 120 140 160 180 200 220 240 260 280 300
A ALUMINUM BLOCK
B FLUORINERT LIQUID
C MOVING AIR (WITH HEAT SINK)
D MOVING AIR (WITHOUT HEAT SINK)
E STILL AIR (WITH HEAT SINK)
F STILL AIR (WITHOUT HEAT SINK)
Figure 8. Thermal Response Curves
The time constant,
τ, is dependent on θ
JA and the thermal ca-
pacities of the chip and the package. Table I lists the effective
τ
(time to reach 63.2% of the final value) for several different
media. Copper printed circuit board connections where ne-
glected in the analysis, however, they will sink or conduct heat
directly through the AD592’s solder dipped Kovar leads. When
faster response is required a thermally conductive grease or glue
between the AD592 and the surface temperature being mea-
sured should be used. In free air applications a clip-on heat sink
will decrease output stabilization time by 10-20%.
MOUNTING CONSIDERATIONS
If the AD592 is thermally attached and properly protected, it
can be used in any temperature measuring situation where the
maximum range of temperatures encountered is between –25
°C
and +105
°C. Because plastic IC packaging technology is em-
ployed, excessive mechanical stress must be safeguarded against
when fastening the device with a clamp or screw-on heat tab.
Thermally conductive epoxy or glue is recommended under
typical mounting conditions. In wet or corrosive environments,
any electrically isolated metal or ceramic well can be used to
shield the AD592. Condensation at cold temperatures can cause
leakage current related errors and should be avoided by sealing
the device in nonconductive epoxy paint or dips.
APPLICATIONS
Connecting several AD592 devices in parallel adds the currents
through them and produces a reading proportional to the aver-
age temperature. Series AD592s will indicate the lowest tem-
perature because the coldest device limits the series current
flowing through the sensors. Both of these circuits are depicted
in Figure 9.


Similar Part No. - AD592BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD592BN AD-AD592BN Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results

Similar Description - AD592BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
logo
Zentrum Mikroelektronik...
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
logo
Analog Devices
AD1403N AD-AD1403N Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com