Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD534JH Datasheet(PDF) 4 Page - Analog Devices

Part # AD534JH
Description  Internally Trimmed Precision IC Multiplier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534JH Datasheet(HTML) 4 Page - Analog Devices

  AD534JH Datasheet HTML 1Page - Analog Devices AD534JH Datasheet HTML 2Page - Analog Devices AD534JH Datasheet HTML 3Page - Analog Devices AD534JH Datasheet HTML 4Page - Analog Devices AD534JH Datasheet HTML 5Page - Analog Devices AD534JH Datasheet HTML 6Page - Analog Devices AD534JH Datasheet HTML 7Page - Analog Devices AD534JH Datasheet HTML 8Page - Analog Devices AD534JH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD534
Rev. C | Page 3 of 20
SPECIFICATIONS
TA = 25°C, ±VS = ±15 V, R ≥ 2 kΩ, all minimum and maximum specifications are guaranteed, unless otherwise noted.
Table 1.
AD534J
AD534K
AD534L
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
MULTIPLIER PERFORMANCE
Transfer Function
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
)(
(
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
)(
(
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
)(
(
Total Error1 (−10 V ≤ X, Y ≤ +10 V)
±1.02
±0.52
±0.252
%
TA = TMIN to TMAX
±1.5
±1.0
±0.5
%
Total Error vs. Temperature
±0.022
±0.015
±0.008
%/°C
Scale Factor Error
(SF = 10.000 V Nominal)3
±0.25
±0.1
±0.1
%
Temperature Coefficient of
Scaling Voltage
±0.02
±0.01
±0.005
%/°C
Supply Rejection (±15 V ± 1 V)
±0.01
±0.01
±0.01
%
Nonlinearity, X (X = 20 V p-p,
Y = 10 V)
±0.4
±0.2
±0.32
±0.10
±0.122
%
Nonlinearity, Y (Y = 20 V p-p, X = 10 V
±0.2
±0.1
±0.12
±0.005
±0.12
%
Feedthrough4, X (Y Nulled,
X = 20 V p-p 50 Hz)
±0.3
±0.15
±0.32
±0.05
±0.122
%
Feedthrough4, Y (X Nulled,
Y = 20 V p-p, 50 Hz)
±0.01
±0.01
±0.12
±0.003
±0.12
%
Output Offset Voltage
±5
±302
±2
±152
±2
±102
mV
Output Offset Voltage Drift
200
100
100
μV/°C
DYNAMICS
Small Signal BW (VOUT = 0.1 rms)
1
1
1
MHz
1% Amplitude Error (CLOAD = 1000 pF)
50
50
50
kHz
Slew Rate (VOUT 20 p-p)
20
20
20
V/μs
Settling Time (to 1%, D VOUT = 20 V)
2
2
2
μs
NOISE
Noise Spectral Density
SF = 10 V
0.8
0.8
0.8
μV/√Hz
SF = 3 V5
0.4
0.4
0.4
μV/√Hz
Wideband Noise
f = 10 Hz to 5 MHz
1
1
1
mV rms
f = 10 Hz to 10 kHz
90
90
90
μV rms
OUTPUT
Output Voltage Swing
±112
±112
±112
V
Output Impedance (f ≤ 1 kHz)
0.1
0.1
0.1
Ω
Output Short-Circuit Current
(RL = 0 Ω, TA = TMIN to TMAX)
30
30
30
mA
Amplifier Open-Loop Gain (f = 50 Hz)
70
70
70
dB
INPUT AMPLIFIERS (X, Y, and Z)6
Signal Voltage Range
Differential or Common Mode
±10
±10
±10
V
Operating Differential
±12
±12
±12
V
Offset Voltage (X, Y)
±5
±202
±2
±102
±2
±102
mV
Offset Voltage Drift (X, Y)
100
50
50
μV/°C
Offset Voltage (Z)
±5
±302
±2
±152
±2
±102
mV
Offset Voltage Drift (Z)
200
100
100
μV/°C
CMRR
602
80
702
90
702
90
dB


Similar Part No. - AD534JH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534JH AD-AD534JH Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD534JH++ AD-AD534JH+ Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
More results

Similar Description - AD534JH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com