Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD534LD Datasheet(PDF) 8 Page - Analog Devices

Part # AD534LD
Description  Internally Trimmed Precision IC Multiplier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534LD Datasheet(HTML) 8 Page - Analog Devices

Back Button AD534LD Datasheet HTML 4Page - Analog Devices AD534LD Datasheet HTML 5Page - Analog Devices AD534LD Datasheet HTML 6Page - Analog Devices AD534LD Datasheet HTML 7Page - Analog Devices AD534LD Datasheet HTML 8Page - Analog Devices AD534LD Datasheet HTML 9Page - Analog Devices AD534LD Datasheet HTML 10Page - Analog Devices AD534LD Datasheet HTML 11Page - Analog Devices AD534LD Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD534
Rev. C | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
AD534J,
AD534K,
AD534L
AD534S,
AD534T
Supply Voltage
±18 V
±22 V
Internal Power Dissipation
500 mW
500 mW
Output Short Circuit to
Ground
Indefinite
Indefinite
Input Voltages (X1, X2, Y1, Y2,
Z1, Z2)
±VS
±VS
Rated Operating
Temperature Range
0°C to +70°C
−55°C to +125°C
Storage Temperature
Range
−65°C to +150°C
−65°C to +150°C
Lead Temperature Range,
60 sec Soldering
300°C
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
10-Pin TO-100 (H-10)
150
25
°C/W
14-Lead SBDIP (D-14)
95
25
°C/W
20-Terminal LCC (E-20-1)
95
25
°C/W
Z1
Z2
–VS
+VS
Y2
Y1
SF
X2
X1
OUT
0.076
(1.93)
0.100 (2.54)
5
3
4
8
A
Figure 2. Chip Dimensions and Bonding Diagram
Dimensions shown in inches and (mm)
Contact factory for latest dimensions.
+VS
–VS
50kΩ
1kΩ
TO APPROPRIATE
INPUT TERMINAL
470kΩ
Figure 3. Optional Trimming Configuration
ESD CAUTION


Similar Part No. - AD534LD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534LD AD-AD534LD Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
More results

Similar Description - AD534LD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com