Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337HSM063M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 337HSM063M
Description  125C Standard Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337HSM063M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  337HSM063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337HSM063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337HSM063M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
D
8.0
10.0
12.5
16
S
3.5
5.0
5.0
7.5
d
0.6
0.6
0.6
0.8
B
0.5
0.5
0.8
0.5
HSM
+ 125°C Standard
Radial Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4.
-
+
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
(µF)
L1=L+2.0mm Max.
D1=D+B Max.
S1=S±0.5mm
NOTE: Case Vent is standard on all diameter
≥8.0mm
DxL(mm)
10
16
25
35
50
63
(13)
(20)
(32)
(44)
(63)
(79)
1
8x11.5
2.2
8x11.5
3.3
8x11.5
4.7
8x11.5
10
8x11.5
22
8x11.5
33
8x11.5
47
8x11.5
10x12.5
100
8x11.5
10x12.5
10x16
220
8x11.5
10x12.5
10x16
10x20
12.5x20
330
10x12.5
10x16
10x20
12.5x20
12.5x25
470
10x12.5
10x16
10x20
12.5x20
12.5x25
16x25
1000
10x20
12.5x20
12.5x25
16x25
16x31.5
2200
12.5x25
16x25
16x31.5
3300
16x25
16x31.5
4700
16x31.5
WVDC
(SV)
LEAD INFORMATION V.S. CASE DIAMETER


Similar Part No. - 337HSM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337HSM063M ILLINOISCAPACITOR-337HSM063M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
337HSM063M ILLINOISCAPACITOR-337HSM063M Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
337HSM063M ILLINOISCAPACITOR-337HSM063M Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 337HSM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105HSM050M ILLINOISCAPACITOR-105HSM050M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com