Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIT647 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIT647
Description  Silicon PNP Epitaxial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIT647 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIT647 Datasheet HTML 1Page - Renesas Technology Corp HIT647 Datasheet HTML 2Page - Renesas Technology Corp HIT647 Datasheet HTML 3Page - Renesas Technology Corp HIT647 Datasheet HTML 4Page - Renesas Technology Corp HIT647 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HIT647
Preliminary
R07DS0449EJ0400 Rev.4.00
Page 4 of 4
Jun 14, 2011
Package Dimensions
0.60 Max
0.55 Max
4.8 ± 0.4
3.8 ± 0.4
0.5 Max
1.27
2.54
0.65 ± 0.1
0.75 Max
Previous Code
PRSS0003DC-A
TO-92 Mod / TO-92 ModV
MASS[Typ.]
0.35g
SC-51
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
TO-92 Mod
Ordering Information
Orderable Part Number
Quantity
Shipping Container
Remarks
HIT647-EQ
2500 pcs.
Bulk, Vinyl Bag
HIT647-TZ-EQ
2500 pcs.
Hold Box, Radial Taping
PB free product
HIT647-HQ
2500 pcs.
Bulk, Vinyl Bag
HIT647-TZ-HQ
2500 pcs.
Hold Box, Radial Taping
Halogen free & PB free product
Notes: 1. This product is designed for consumer use and not for automotive or industrial use.
2. For Hold Box, Radial Taping, leads is forming applied as following figure.
12.7
6.35
4.0
12.7
2.5 2.5
Unit: mm


Similar Part No. - HIT647

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIT647 RENESAS-HIT647 Datasheet
114Kb / 5P
   Silicon PNP Epitaxial
HIT647-EQ RENESAS-HIT647-EQ Datasheet
114Kb / 5P
   Silicon PNP Epitaxial
HIT647TZ-EQ RENESAS-HIT647TZ-EQ Datasheet
114Kb / 5P
   Silicon PNP Epitaxial
HIT647 RENESAS-HIT647_09 Datasheet
126Kb / 5P
   Silicon PNP Epitaxial
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
More results

Similar Description - HIT647

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com