Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3032VM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MOC3032VM
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3032VM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MOC3032VM Datasheet HTML 1Page - Fairchild Semiconductor MOC3032VM Datasheet HTML 2Page - Fairchild Semiconductor MOC3032VM Datasheet HTML 3Page - Fairchild Semiconductor MOC3032VM Datasheet HTML 4Page - Fairchild Semiconductor MOC3032VM Datasheet HTML 5Page - Fairchild Semiconductor MOC3032VM Datasheet HTML 6Page - Fairchild Semiconductor MOC3032VM Datasheet HTML 7Page - Fairchild Semiconductor MOC3032VM Datasheet HTML 8Page - Fairchild Semiconductor MOC3032VM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
MOC3031M, MOC3032M, MOC3033M, MOC3041M, MOC3042M, MOC3043M Rev. 1.0.1
-40
-20
0
20
TA, AMBIENT TEMPERATURE (
°C)
TA, AMBIENT TEMPERATURE (
°C)
TA, AMBIENT TEMPERATURE (
°C)
PWIN, LED TRIGGER PULSE WIDTH (
µS)
40
60
80
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
110
100
0
2
4
6
8
10
12
14
16
-40
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Figure 7. Holding Current, IH vs. Temperature
Figure 8. Inhibit Voltage vs. Temperature
Figure 5. IDRM2 - Leakage in Inhibit State vs. Temperature
Figure 6. LED Current Required to Trigger vs. LED Pulse Width
IF = RATED I FT
NORMALIZED TO
PWIN >> 100 µs
NORMALIZED TO
TA = 25° C


Similar Part No. - MOC3032VM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3032 ETC-MOC3032 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Fairchild Semiconductor
MOC3032M FAIRCHILD-MOC3032M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
ON Semiconductor
MOC3032M ONSEMI-MOC3032M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
More results

Similar Description - MOC3032VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com