Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3081SR2M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MOC3081SR2M
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3081SR2M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC3081SR2M Datasheet HTML 1Page - Fairchild Semiconductor MOC3081SR2M Datasheet HTML 2Page - Fairchild Semiconductor MOC3081SR2M Datasheet HTML 3Page - Fairchild Semiconductor MOC3081SR2M Datasheet HTML 4Page - Fairchild Semiconductor MOC3081SR2M Datasheet HTML 5Page - Fairchild Semiconductor MOC3081SR2M Datasheet HTML 6Page - Fairchild Semiconductor MOC3081SR2M Datasheet HTML 7Page - Fairchild Semiconductor MOC3081SR2M Datasheet HTML 8Page - Fairchild Semiconductor MOC3081SR2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
4/14/03
Page 2 of 11
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP ZERO-CROSS
OPTOISOLATORS TRIAC DRIVER OUTPUT
(800 VOLT PEAK)
MOC3081M
MOC3082M
MOC3083M
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameters
Symbol
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
-40 to +150
°C
Operating Temperature
TOPR
-40 to +85
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Junction Temperature Range
TJ
-40 to +100
°C
Isolation Surge Voltage(4) (peak AC voltage, 60Hz, 1 sec duration)
VISO
7500
Vac(pk)
Total Device Power Dissipation @ 25°C
Derate above 25°C
PD
250
mW
2.94
mW/°C
EMITTER
Continuous Forward Current
IF
60
mA
Reverse Voltage
VR
6V
Total Power Dissipation 25°C Ambient
PD
120
mW
Derate above 25°C
1.41
mW/°C
DETECTOR
Off-State Output Terminal Voltage
VDRM
800
V
Peak Repetitive Surge Current (PW = 100 µs, 120 pps)
ITSM
1A
Total Power Dissipation @ 25°C Ambient
PD
150
mW
Derate above 25°C
1.76
mW/°C


Similar Part No. - MOC3081SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3081SR2M FAIRCHILD-MOC3081SR2M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081SR2M FAIRCHILD-MOC3081SR2M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
ON Semiconductor
MOC3081SR2M ONSEMI-MOC3081SR2M Datasheet
320Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3081SR2M ONSEMI-MOC3081SR2M Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
More results

Similar Description - MOC3081SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Motorola, Inc
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com