Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

107CKS025MEM Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 107CKS025MEM
Description  85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107CKS025MEM Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  107CKS025MEM Datasheet HTML 1Page - Illinois Capacitor, Inc. 107CKS025MEM Datasheet HTML 2Page - Illinois Capacitor, Inc. 107CKS025MEM Datasheet HTML 3Page - Illinois Capacitor, Inc. 107CKS025MEM Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CKR_CKS
+85°C, Standard 2000 hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104CKR050M
1657.86
1.5
5x11
0.15
50
154CKR050M
1105.24
2
5x11
0.22
50
224CKR050M
753.575
9
5x11
0.33
50
334CKR050M
502.38
10
5x11
0.47
50
474CKR050M
352.737
16
5x11
0.47
100
474CKR100M
282.19
18
5x11
0.68
50
684CKR050M
243.804
9
5x11
1
50
105CKR050M
165.79
24
5x11
1
100
105CKR100M
132.63
26
5x11
1
250
105CKR250M
248.68
29
6.3x11
1
450
105CKS450M
331.573
29
8x11.5
1.5
50
155CKR050M
110.52
18
5x11
2.2
50
225CKR050M
75.358
35
5x11
2.2
100
225CKS100M
60.286
39
5x11
2.2
250
225CKS250M
113.036
43
6.3x11
2.2
250
225CKR250M
113.036
31
8x11.5
2.2
350
225CKS350M
150.715
30
6.3x11
2.2
400
225CKS400M
150.715
44
8x11.5
2.2
450
225CKS450M
150.715
45
10x12.5
2.2
450
225CKS450MJM
150.715
28
8x11.5
3.3
50
335CKS050M
50.238
43
5x11
3.3
100
335CKS100M
40.191
48
5x11
3.3
250
335CKS250MGM
75.357
40
6.3x11
3.3
250
335CKS250M
75.357
60
8x11.5
3.3
350
335CKS350MJM
100.477
43
8x11.5
3.3
400
335CKS400MJM
100.477
48
8x11.5
3.3
400
335CKS400M
100.477
55
10x12.5
3.3
450
335CKS450M
100.477
60
10x16
3.3
450
335CKS450MLM
100.477
40
10x12.5
4.7
50
475CKR050M
35.274
50
5x11
4.7
100
475CKR100M
28.219
55
5x11
4.7
250
475CKS250MGM
52.911
50
6.3x11
4.7
250
475CKS250M
52.911
75
8x11.5
4.7
350
475CKS350MJM
70.547
55
8x11.5
4.7
350
475CKS350M
70.547
65
10x12.5
4.7
400
475CKS400M
70.547
75
10x16
4.7
400
475CKS400MLN
70.547
60
10x12.5
4.7
450
475CKS450M
70.547
75
10x16
4.7
450
475CKS450MLN
70.547
46
10x12.5
6.8
63
685CKR063M
24.3804
51
5x11
10
50
106CKR050M
16.579
110
5x11
10
63
106CKR063M
16.579
75
5x11
10
100
106CKS100MEM
13.263
70
5x11
10
100
106CKS100M
13.263
95
6.3x11
10
160
106CKS160M
24.868
90
8x11.5
10
200
106CKS200M
24.868
100
10x12.5
10
200
106CKS200MJM
24.868
80
8x11.5
10
250
106CKS250MLN
24.868
100
10x12.5
10
250
106CKS250M
24.868
120
10x16
10
350
106CKS350M
33.157
120
10x21
10
350
106CKS350MLQ
33.157
90
10x12.5
10
400
106CKS400MLQ
33.157
90
10x16
10
450
106CKS450MLU
33.157
80
10x20
10
450
106CKS450M
33.157
130
12.5x20
15
50
156CKR050M
11.052
78
5x11
15
100
156CKR100M
8.842
98
8x11.5
22
50
226CKR050M
7.536
110
5x11
22
63
226CKR063M
7.536
130
6.3x11
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
22
63
226CKS063M
7.536
110
5x11
22
100
226CKS100M
6.029
140
6.3x11
22
100
226CKR100M
6.0286
160
8x11.5
22
160
226CKS160M
11.304
160
10x16
22
160
226CKS160MLN
11.304
130
10x12.5
22
200
226CKS200MLQ
11.304
150
10x16
22
200
226CKS200M
11.304
190
10x20
22
250
226CKS250MLU
11.304
150
10x20
22
350
226CKS350M
15.071
190
12.5x20
22
400
226CKS400M
15.071
210
12.5x25
22
450
226CKS450MNV
15.071
140
13x26
22
450
226CKS450M
15.071
210
16x25
33
50
336CKR050M
5.0238
150
6.3x11
33
50
336CKS050M
5.0238
140
5x11
33
63
336CKR063M
5.0238
150
6.3x11
33
100
336CKR100M
4.019
210
10x12.5
33
100
336CKS100M
4.019
200
8x11.5
33
160
336CKS160MLQ
7.536
180
10x16
33
160
336CKS160M
7.536
210
10x20
33
200
336CKS200MLU
7.536
200
10x20
33
250
336CKS250M
7.536
270
12.5x20
33
350
336CKS350M
10.048
250
12.5x25
33
400
336CKS400M
10.048
260
16x25
33
450
336CKS450MQV
10.048
180
16x25
33
450
336CKS450M
10.048
280
16x31.5
47
25
476CKR025M
4.938
140
5x11
47
35
476CKS035M
4.233
150
5x11
47
50
476CKR050M
3.527
180
6.3x11
47
63
476CKR063M
3.527
210
8x11.5
47
63
476CKS063M
3.527
180
6.3x11
47
100
476CKS100M
2.258
250
10x12.5
47
100
476CKR100M
2.258
280
10x16
47
100
476CKS100MJM
2.258
200
8x11.5
47
160
476CKR160M
5.291
270
12.5x25
47
160
476CKS160MLU
5.291
210
10x21
47
250
476CKS250MNU
5.291
270
13x21
47
250
476CKR250M
5.291
350
16x25
47
250
476CKS250M
5.291
350
12.5x25
47
350
476CKS350M
7.055
300
16x25
47
400
476CKS400MQV
7.055
280
16x25
47
400
476CKR400M
7.055
350
16x31.5
47
450
476CKS450M
7.055
380
18x35.5
47
450
476CKS450MQW
7.055
220
16x31.5
68
25
686CKR025M
3.413
170
6.3x11
68
50
686CKR050M
2.438
200
8x11.5
68
63
686CKR063M
2.438
215
10x12.5
68
100
686CKR100M
1.9504
282
10x16
100
16
107CKS016M
2.653
180
5x11
100
25
107CKS025MEM
2.321
180
5x11
100
35
107CKS035M
1.989
240
6.3x11
100
50
107CKR050M
1.658
310
8x11.5
100
63
107CKR063M
1.658
330
10x12.5
100
63
107CKS063MJM
1.658
280
8x11.5
100
100
107CKS100MLQ
1.326
340
10x16
100
100
107CKR100M
1.326
480
12.5x20
100
100
107CKS100M
1.326
450
10x20
100
160
107CKS160M
2.487
440
12.5x25
100
250
107CKS250M
2.487
570
16x31.5


Similar Part No. - 107CKS025MEM

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107CKS025MEM ILLINOISCAPACITOR-107CKS025MEM Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
107CKS025MEM ETC2-107CKS025MEM Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
107CKS025MEM ILLINOISCAPACITOR-107CKS025MEM Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
107CKS025MEM ILLINOISCAPACITOR-107CKS025MEM Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
107CKS025MEM ILLINOISCAPACITOR-107CKS025MEM Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 107CKS025MEM

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_13 Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com