Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

335PHB250K2H Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 335PHB250K2H
Description  Switching polypropylene film capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

335PHB250K2H Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  335PHB250K2H Datasheet HTML 1Page - Illinois Capacitor, Inc. 335PHB250K2H Datasheet HTML 2Page - Illinois Capacitor, Inc. 335PHB250K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 335PHB250K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 335PHB250K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 335PHB250K2H Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PHB
Metallized Polypropylene,
High Frequency radial lead
box
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
25
250
256PHB250K2J
25
14
2.6
42.5x37x28
37.5
1.2
2
25
330
256PHB330K2R
17
14
3.6
57.5x45x30
52.5
1.2
2
25
330
256PHB330K4R
17
23
2.9
57.5x45x30
52.5
1.2
20.3
4
25
400
256PHB400K4R
20
26
2.8
57.5x50x35
52.5
1.2
20.3
4
25
400
256PHB400K2R
20
14
3.4
57.5x50x35
52.5
1.2
2
30
250
306PHB250K2J
25
14
2.6
42.5x45x30
37.5
1.2
2
30
250
306PHB250K4J
25
26.5
1.9
42.5x45x30
37.5
1.2
20.3
4
30
330
306PHB330K2R
17
14
3.4
57.5x45x30
52.5
1.2
2
30
330
306PHB330K4R
17
24.5
2.7
57.5x45x30
52.5
1.2
20.3
4
33
250
336PHB250K2J
25
14
2.4
42.5x45x30
37.5
1.2
2
33
250
336PHB250K4J
25
27
1.7
42.5x45x30
37.5
1.2
20.3
4
33
330
336PHB330K2R
17
14
3.3
57.5x50x35
52.5
1.2
2
33
330
336PHB330K4R
17
26
2.6
57.5x50x35
52.5
1.2
20.3
4
35
330
356PHB330K4R
17
22
2.6
57.5x50x35
52.5
1.2
20.3
4
35
330
356PHB330K2R
17
12
3.2
57.5x50x35
52.5
1.2
2
40
250
406PHB250K4R
15
26
2.6
57.5x45x30
52.5
1.2
20.3
4
40
250
406PHB250K2R
15
14
3.3
57.5x45x30
52.5
1.2
2
40
330
406PHB330K4R
17
27
2.4
57.5x50x35
52.5
1.2
20.3
4
40
330
406PHB330K2R
17
14
3.1
57.5x50x35
52.5
1.2
2
50
250
506PHB250K4R
15
26.5
2.3
57.5x50x35
52.5
1.2
20.3
4
50
250
506PHB250K2R
15
12
3
57.5x50x35
52.5
1.2
2
60
250
606PHB250K2R
15
14
2.7
57.5x50x35
52.5
1.2
2
60
250
606PHB250K4R
15
27
2
57.5x50x35
52.5
1.2
20.3
4


Similar Part No. - 335PHB250K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
335PHB250K2H ILLINOISCAPACITOR-335PHB250K2H Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
335PHB250K2H ILLINOISCAPACITOR-335PHB250K2H Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
More results

Similar Description - 335PHB250K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
MERITEK ELECTRONICS COR...
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
EPCOS
B32656S EPCOS-B32656S_12 Datasheet
481Kb / 29P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L EPCOS-B32671L Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com