Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3022TM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MOC3022TM
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3022TM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MOC3022TM Datasheet HTML 1Page - Fairchild Semiconductor MOC3022TM Datasheet HTML 2Page - Fairchild Semiconductor MOC3022TM Datasheet HTML 3Page - Fairchild Semiconductor MOC3022TM Datasheet HTML 4Page - Fairchild Semiconductor MOC3022TM Datasheet HTML 5Page - Fairchild Semiconductor MOC3022TM Datasheet HTML 6Page - Fairchild Semiconductor MOC3022TM Datasheet HTML 7Page - Fairchild Semiconductor MOC3022TM Datasheet HTML 8Page - Fairchild Semiconductor MOC3022TM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4/30/03
Page 5 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
1. The mercury wetted relay provides a high speed repeated
pulse to the D.U.T.
2. 100x scope probes are used, to allow high speeds and
voltages.
3. The worst-case condition for static dv/dt is established by
triggering the D.U.T. with a normal LED input current, then
removing the current. The variable RTEST allows the dv/dt
to be gradually increased until the D.U.T. continues to
trigger in response to the applied voltage pulse, even
after the LED current has been removed. The dv/dt is
then decreased until the D.U.T. stops triggering.
τ
RC is
measured at this point and recorded.
Note: This optoisolator should not be used to drive a load directly.
It is intended to be a trigger device only.
Vdc
400V (MOC302X)
250V (MOC301X)
R = 10 k
CTEST
X100
SCOPE
PROBE
PULSE
INPUT
MERCURY
WETTED
RELAY
RTEST
D.U.T.
D.U.T.
Figure 5. Static dv/dt Test Circuit
252 V (MOC302X)
158 V (MOC301X)
0 VOLTS
APPLIED VOLTAGE
WAVEFORM
Vmax =
dv/dt =
0.63 Vmax
=
252
τ
RC
τ
RC
τ
RC
400 V (MOC302X)
= 250 V (MOC301X)
(MOC302X)
=
158
τ
RC
(MOC301X)
Figure 6. Resistive Load
Figure 7. Inductive Load with Sensitive Gate Triac (IGT ≤ 15 mA)
VCC
Rin
1
2
3
6
5
4
0.1
µF
180
C1
2.4k
ZL
120 V
60 Hz
MOC3010M
MOC3011M
MOC3012M
VCC
Rin
1
2
3
6
5
4
120 V
60 Hz
180
RL
MOC3010M
MOC3011M
MOC3012M


Similar Part No. - MOC3022TM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3022 MOTOROLA-MOC3022 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
Guangdong Youtai Semico...
MOC3022 UMW-MOC3022 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
logo
Texas Instruments
MOC3022 TI-MOC3022 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Guangdong Youtai Semico...
MOC3022 UMW-MOC3022 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
logo
QT Optoelectronics
MOC3022 QT-MOC3022 Datasheet
307Kb / 3P
   non-zero-crossing triacs
More results

Similar Description - MOC3022TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010 FAIRCHILD-MOC3010 Datasheet
185Kb / 7P
   6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M_V01 Datasheet
333Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler (250/400 V Peak)
June, 2023 - Rev. 3
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com