Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

226CKE063M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 226CKE063M
Description  105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226CKE063M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  226CKE063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226CKE063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 226CKE063M Datasheet HTML 3Page - Illinois Capacitor, Inc. 226CKE063M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CKH_CKE +105°C, Extended life 2000
hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
68
25
686CKH025M
3.657
105
6.3x11
68
50
686CKH050M
2.438
165
8x11.5
68
63
686CKH063M
2.438
190
10x12.5
68
100
686CKH100M
1.95
255
10x16
68
200
686CKH200M
3.657
235
16x25
68
250
686CKH250M
3.657
255
16x31.5
100
16
107CKE016M
2.818
130
5x11
100
25
107CKE025MEM
2.487
125
5x11
100
35
107CKE035M
1.989
170
6.3x11
100
50
107CKH050M
1.658
220
8x11.5
100
63
107CKH063M
1.658
240
10x12.5
100
63
107CKE063MJM
1.658
200
8x11.5
100
100
107CKE100MLQ
1.326
240
10x16
100
100
107CKE100M
1.326
320
10x20
100
160
107CKE160M
2.487
310
12.5x25
100
200
107CKE200M
2.487
340
16x25
100
250
107CKE250M
2.487
410
16x31.5
100
250
107CKE250MQV
2.487
310
16x25
100
350
107CKE350M
3.316
410
18x40
100
350
107CKE350MRY
3.316
370
18x35.5
100
400
107CKE400M
3.316
310
18x35.5
150
10
157CKH010M
2.211
125
6.3x11
150
25
157CKH025M
1.658
180
8x11.5
150
35
157CKH035M
1.326
230
10x12.5
150
50
157CKH050M
1.105
260
10x16
150
63
157CKH063M
1.105
315
10x20
150
100
157CKH100M
0.884
410
12.5x20
150
160
157CKH160M
1.658
330
16x31.5
150
200
157CKH200M
1.658
350
16x35.5
220
10
227CKE010M
1.5072
180
5x11
220
16
227CKE016M
1.2811
220
6.3x11
220
25
227CKE025MGM
1.13
200
6.3x11
220
35
227CKE035M
0.904
300
8x11.5
220
50
227CKE050M
0.754
350
10x12.5
220
50
227CKH050M
0.7536
360
10x16
220
63
227CKH063M
0.7536
400
10x20
220
63
227CKE063M
0.754
390
10x16
220
100
227CKE100M
0.603
560
12.5x25
220
100
227CKH100M
0.603
540
16x25
220
100
227CKE100MNU
0.603
390
12.5x20
220
160
227CKE160MQW
1.13
410
16x31.5
220
200
227CKE200M
1.13
500
16x35.5
220
250
227CKE250M
1.13
485
18x35.5
330
10
337CKE010M
1.005
250
6.3x11
330
16
337CKE016MGM
0.854
225
6.3x11
330
25
337CKE025M
0.754
330
8x11.5
330
35
337CKE035M
0.603
390
10x12.5
330
50
337CKH050M
0.502
490
10x20
330
50
337CKE050M
0.502
480
10x16
330
63
337CKE063M
0.502
520
10x20
330
63
337CKH063M
0.502
530
12.5x20
330
100
337CKH100M
0.402
660
16x25
330
100
337CKE100M
0.402
690
12.5x25
330
160
337CKE160M
0.754
550
18x35.5
330
200
337CKE200M
0.754
675
18x40
470
10
477CKE010M
0.7055
290
6.3x11
470
16
477CKE016M
0.5997
370
8x11.5
470
16
477CKH016M
0.599
370
10x12.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
470
25
477CKE025M
0.529
420
10x12.5
470
35
477CKE035M
0.423
520
10x16
470
50
477CKE050M
0.353
630
10x20
470
50
477CKH050M
0.353
630
12.5x20
470
63
477CKH063M
0.353
690
12.5x25
470
63
477CKE063M
0.353
670
12.5x20
470
100
477CKE100M
0.282
830
16x25
470
100
477CKH100M
0.282
870
16x31.5
680
6.3
687CKH6R3M
0.585
375
10x12.5
680
16
687CKH016M
0.415
490
10x16
680
35
687CKH035M
0.293
695
12.5x20
680
50
687CKH050M
0.244
825
12.5x25
680
63
687CKH063M
0.244
925
16x25
1000
6.3
108CKE6R3M
0.398
460
8x11.5
1000
10
108CKE010M
0.332
530
10x12.5
1000
16
108CKE016M
0.282
630
10x16
1000
16
108CKE016MLN
0.282
500
10x12.5
1000
16
108CKH016M
0.282
660
10x20
1000
25
108CKE025M
0.249
740
10x20
1000
25
108CKE025MLQ
0.249
610
10x16
1000
35
108CKH035M
0.199
890
12.5x20
1000
50
108CKH050M
0.166
1010
16x25
1000
50
108CKE050M
0.166
1070
12.5x25
1000
63
108CKE063M
0.166
1080
16x25
1000
63
108CKH063M
0.166
1120
16x31.5
1000
100
108CKE100M
0.133
1580
18x40
1000
100
108CKE100MRY
0.133
1000
18x35.5
1500
6.3
158CKH6R3M
0.287
585
10x20
1500
16
158CKH016M
0.21
800
12.5x20
1500
25
158CKH025M
0.188
905
12.5x25
1500
35
158CKH035M
0.1547
1140
16x25
1500
50
158CKH050M
0.133
1250
18x31.5
2200
6.3
228CKE6R3M
0.211
760
10x16
2200
10
228CKE010MLQ
0.1809
705
10x16
2200
10
228CKE010M
0.1809
910
10x20
2200
16
228CKE016M
0.1583
1050
12.5x20
2200
16
228CKE016MLU
0.1583
710
10x20
2200
16
228CKH016M
0.158
1090
12.5x25
2200
25
228CKE025M
0.1432
1220
12.5x25
2200
25
228CKH025M
0.143
1210
16x25
2200
35
228CKH035M
0.121
1440
16x31.5
2200
35
228CKE035M
0.1206
1350
16x25
2200
50
228CKE050MQW
0.1055
1410
16x31.5
2200
50
228CKH050M
0.106
1700
18x35.5
2200
50
228CKE050M
0.1055
1700
16x35.5
2200
63
228CKE063M
0.1055
1650
18x35.5
3300
6.3
338CKE6R3M
0.1507
990
10x20
3300
10
338CKE010M
0.131
1140
12.5x20
3300
16
338CKE016M
0.116
1340
12.5x25
3300
16
338CKH016M
0.116
1270
16x25
3300
25
338CKH025M
0.106
1530
16x31.5
3300
25
338CKE025M
0.106
1420
16x25
3300
35
338CKE035M
0.0905
1810
16x35.5
3300
35
338CKE035MQW
0.0905
1500
16x31.5
3300
50
338CKE050M
0.0804
2060
18x35.5
4700
10
478CKE010M
0.0847
1420
12.5x25
4700
10
478CKH010M
0.0988
1350
16x25
4700
16
478CKH016M
0.0882
1560
16x31.5


Similar Part No. - 226CKE063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226CKE063M ILLINOISCAPACITOR-226CKE063M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
226CKE063M ILLINOISCAPACITOR-226CKE063M Datasheet
310Kb / 3P
   Extended life 2000 hour
226CKE063M ILLINOISCAPACITOR-226CKE063M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
226CKE063M ILLINOISCAPACITOR-226CKE063M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
226CKE063M ILLINOISCAPACITOR-226CKE063M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 226CKE063M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com