Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

226CKS350M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 226CKS350M
Description  85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226CKS350M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  226CKS350M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226CKS350M Datasheet HTML 2Page - Illinois Capacitor, Inc. 226CKS350M Datasheet HTML 3Page - Illinois Capacitor, Inc. 226CKS350M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
CKR/CKS
+85°C General Purpose Radial
Lead Aluminum Electrolytic
Capacitors
Features
Standard case sizes
Multiple case sizes
Lead free leads
Applications
Bypass
Filtering
Coupling
De-coupling
Specifications
Operating Temperature
Range
-40°C to +85°C (6.3 to 400 WVDC)
-25°C to +85°C (450 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
Surge
voltage
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
Tan
δ
.22
.19
.16
.14
.12
.1
.09
.08
.15
.15
.15
.2
.2
.2
Dissipation
Factor
Add .02 for every 1000uF above 1000uF
6.3 to 100 WVDC
160 to 450 WVDC
1 Minutes
2 Minutes
2 Minutes
Leakage current
.03CV or 4uA,
Whichever is greater
.01CV or 3uA,
Whichever is greater
.03CV+40uA
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
-25°C to +20°C
4
2
2
2
2
2
2
2
3
3
3
6
6
15
Low
temperature
stability
Impedance ratio
(120 Hz)
-40°C to +20°C
8
6
4
3
3
3
3
3
6
6
6
6
6
-
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<150% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance change
<20% initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Frequency (Hz)
Temperature (°C)
WVDC
50
120
1k
10k
+85
+70
+60
6.3 to 25V
0.8
1.0
1.10
1.20
1.0
1.3
1.5
35 to 100V
0.8
1.0
1.15
1.25
1.0
1.3
1.5
160 to 250V
.75
1.0
1.25
1.40
1.0
1.3
1.5
Ripple Current
Multipliers
350 to 450V
.7
1.0
1.30
1.80
1.0
1.3
1.5
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 226CKS350M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226CKS350M ILLINOISCAPACITOR-226CKS350M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
226CKS350M ETC2-226CKS350M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
226CKS350M ILLINOISCAPACITOR-226CKS350M Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKS350M ILLINOISCAPACITOR-226CKS350M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
226CKS350M ILLINOISCAPACITOR-226CKS350M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 226CKS350M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_13 Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com