Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

205PHC250K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 205PHC250K
Description  Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

205PHC250K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  205PHC250K Datasheet HTML 1Page - Illinois Capacitor, Inc. 205PHC250K Datasheet HTML 2Page - Illinois Capacitor, Inc. 205PHC250K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PHC
High Frequency Metallized
Polypropylene Axial Lead
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
5
600
505PHC600K
50
12
7.4
27x55
5
600
505PHC600KN
55
12.5
6.3
29.5x46
5
600
505PHC600KS
40
11.5
8.3
25x59
5
700
505PHC700KS
45
12.5
6.6
30.5x59
5
700
505PHC700K
60
13.5
5.8
32x55
5
850
505PHC850K
125
14
2.4
38x55
5
850
505PHC850KS
110
14
2.7
36.5x59
6.8
250
685PHC250K
40
10.5
3.1
21x34
6.8
330
685PHC330KN
30
10.5
3.6
22x46
6.8
400
685PHC400K
40
11
6.4
26x46
6.8
600
685PHC600K
50
12.5
6.5
30x55
6.8
600
685PHC600KS
40
12
7.3
28.5x59
6.8
700
685PHC700KS
45
14
5.8
35x59
6.8
700
685PHC700K
60
14
5.1
37x55
6.8
850
685PHC850KS
110
14
2.3
41.5x59
8.2
700
825PHC700KS
45
14
5.3
38x59
8.2
700
825PHC700K
60
14
4.6
41x55
10
250
106PHC250KN
25
10.5
3.3
21.5x46
10
250
106PHC250K
40
10.5
2.5
24x34
10
330
106PHC330KN
30
11
6.7
26x46
10
400
106PHC400KS
25
11
7.1
26x59
10
400
106PHC400K
30
12
6.3
27x55
10
400
106PHC400KN
40
13
5.4
31x46
10
600
106PHC600K
50
14
5.4
35x55
10
600
106PHC600KS
40
14
6.1
33.5x59
10
700
106PHC700KS
45
14
4.9
41.5x59
12.5
600
126PHC600KS
40
14
5.5
37.5x59
12.5
600
126PHC600K
50
14
4.9
40.5x55
15
250
156PHC250K
25
14
2.7
25.5x46
15
330
156PHC330KN
30
13
5.4
31x46
15
330
156PHC330KR
25
12.5
6
28x55
15
330
156PHC330KS
20
12
6.8
26.5x59
15
400
156PHC400KS
25
14
5.6
31x59
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
15
400
156PHC400K
30
14
5
33x55
15
600
156PHC600KS
40
14
5.1
41x59
20
250
206PHC250K
25
14
5
29x46
20
330
206PHC330KR
25
14
5.1
31.5x55
20
330
206PHC330KS
20
13.5
5.8
30x59
20
400
206PHC400KS
25
14
4.7
35x59
20
400
206PHC400K
30
14
4.3
37x55
22
250
226PHC250KN
25
14
4.7
30.5x46
22
330
226PHC330KR
25
14
4.8
33x55
22
330
226PHC330KS
20
14
5.4
31x59
22
400
226PHC400KR
30
14
4.1
39x55
22
400
226PHC400KS
25
14
4.5
37x59
25
250
256PHC250K
25
14
4.4
32x46
25
330
256PHC330KR
25
14
4.5
35x55
25
330
256PHC330KS
20
14
5
33x59
25
400
256PHC400KS
25
14
4.2
39x59
25
400
256PHC400K
30
14
3.8
41.5x55
30
250
306PHC250KS
15
14
5.3
29.5x59
30
250
306PHC250K
20
14
4.5
31x55
30
330
306PHC330KR
25
14
4.1
38x55
30
330
306PHC330KS
20
14
4.5
36x59
33
250
336PHC250KR
20
14
4.3
32.5x55
33
250
336PHC250KS
15
14
5
31x59
33
330
336PHC330KR
25
14
3.9
39.5x55
33
330
336PHC330KS
20
14
4.3
37.5x59
35
330
356PHC330KR
25
14
3.8
41x55
35
330
356PHC330KS
20
14
4.2
38.5x59
40
250
406PHC250KS
15
14
4.5
33.5x59
40
250
406PHC250K
20
14
3.9
36x55
40
330
406PHC330KS
20
12
3.9
41x59
50
250
506PHC250KS
15
14
3.9
37x59
50
250
506PHC250K
20
14
3.5
40x55
60
250
606PHC250KS
15
14
3.5
40x59


Similar Part No. - 205PHC250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
205PHC250K ILLINOISCAPACITOR-205PHC250K Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
205PHC250K ILLINOISCAPACITOR-205PHC250K Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
205PHC250KG ILLINOISCAPACITOR-205PHC250KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
205PHC250KG ILLINOISCAPACITOR-205PHC250KG Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
More results

Similar Description - 205PHC250K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
682PPS302KG ILLINOISCAPACITOR-682PPS302KG_13 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
104PHB850K2G ILLINOISCAPACITOR-104PHB850K2G Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com