Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS1103 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1103
Description  CDMA Cell 3x3 Power Amplifier Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1103 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button WS1103 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1103 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1103 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1103 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1103 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1103 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1103 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED WS1103 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED WS1103 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Peripheral Circuit in Handset
Figure 10. Peripheral circuit
Calibration
Calibration procedure is shown in Figure 11. Two
calibration tables, high mode and low mode respective-
ly, are required for Cool PAM, which is due to gain differ-
ence in each mode. For continuous output power at the
mode change points, the input power should be adjust-
ed according to gain step during the mode change.
Offset Value (Difference between Rising Point and
Falling Point)
Offset value, which is the difference between the rising
point (output power where PA mode changes from low
mode to high mode) and falling point (output power
where PA mode changes from high mode to low mode),
should be adopted to prevent system oscillation. 3 to
5 dB is recommended for hysteresis.
Average Current & Talk Time
Probability Distribution Function implies that what is
important for longer talk time is the efficiency of low
or medium power range rather than the efficiency at
full power. WS1103 idle current is 13 mA and operating
current at 16 dBm is 65 mA at nominal condition. This PA
with low current consumption prolongs talk time by no
less than 30 minutes compared to other PAs.
Figure 11. Calibration procedure
Figure 12. Setting of offset between rising and falling power
Figure 13. CDMA power distribution function
TX_AGC
Low Mode
High Mode
Min. PWR
Falling Rising
Max. PWR
Pout
GAIN
Low Mode
High Mode
Falling
Rising
Pout
5.00
4.50
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0
700
600
CDG Urban
Conventional PAM
Digitally Controlled PAM
Cool PAM
CDG Suburban
500
400
300
200
100
0
-50
-40
-30
-20
-10
PA Out (dBm)
0
10
20
30
Vcc1
Vcc2
RF IN
RF OUT
Vcont
GND
GND
Vref
Duplexer
TX
FILTER
MSM
PA_RO
PA_ON
RF Out
Output Matching Circuit
RF In
WS1103
C1
C8
C7
C6
L1
C2
VBATT
C5
C4
+2.85 V
C 3
NOTES:
• Recommended voltage for Vref is 2.85 V.
• Place C1 near to Vref pin.
• Place C3 and C4 close to pin 1 (Vcc1) and pin 10 (Vcc2). These capacitors can affect the RF performance.
• Use 50
Ω transmission line between PAM and Duplexer and make it as short as possible to reduce conduction loss.
π-type circuit topology is good to use for matching circuit between PA and Duplexer.
Notes:
Recommended voltage for Vref is 2.85 V.
Place C1 near to Vref pin.
Place C3 and C4 close to pin 1 (Vcc1) and pin 8 (Vcc2).
These capacitors can affect the RF performance.
Use 50 W transmission line between PAM and Duplexer and make it
as short as possible to reduce conduction loss.
π-type circuit topology is good to use for matching circuit between
PA and Duplexer.


Similar Part No. - WS1103

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
WS1102 AVAGO-WS1102 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
WS1105 AVAGO-WS1105 Datasheet
255Kb / 15P
   CDMA Cell 3x3 Power Amplifier Module
More results

Similar Description - WS1103

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
WS1105 AVAGO-WS1105 Datasheet
255Kb / 15P
   CDMA Cell 3x3 Power Amplifier Module
WS1403 AVAGO-WS1403 Datasheet
390Kb / 15P
   CDMA PCS 3x3 Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
   CDMA/AMPS Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
   CDMA/AMPS Power Amplifier Module
logo
ANADIGICS, Inc
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
   HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
List of Unclassifed Man...
FC7113 ETC-FC7113 Datasheet
130Kb / 5P
   Power Amplifier Module for CDMA/AMPS
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
logo
ANADIGICS, Inc
AWC6341 ANADIGICS-AWC6341 Datasheet
320Kb / 8P
   HELP CDMA Band Class 1 CDMA Power Amplifier Module
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
   Power Amplifier Module for CDMA/AMPS
logo
ANADIGICS, Inc
AWC6340 ANADIGICS-AWC6340 Datasheet
910Kb / 10P
   HELP CDMA Band Class 0,10 CDMA Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com