Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3052SR2V-M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOC3052SR2V-M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3052SR2V-M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC3052SR2V-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3052SR2V-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3052SR2V-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3052SR2V-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3052SR2V-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3052SR2V-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3052SR2V-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3052SR2V-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3052SR2V-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6/15/05
Page 3 of 11
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVERS
(600 VOLT PEAK)
MOC3051-M
MOC3052-M
*Typical values at TA = 25°C
Note
1. Test voltage must be applied within dv/dt rating.
2. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies
between max 15 mA for MOC3051, 10 mA for MOC3052 and absolute max IF (60 mA).
3. Isolation surge votlage, VISO, is an internal device breakdown rating. For this text, pins 1 and 2 are common, and pins 4, 5 and
6 are common.
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
EMITTER
Input Forward Voltage
IF = 10 mA
VF
All
1.15
1.5
V
Reverse Leakage Current
VR = 3 V
IR
All
0.05
100
µA
DETECTOR
Peak Blocking Current, Either Direction
VDRM, IF = 0 (note 1)
IDRM
All
10
100
nA
Peak On-State Voltage, Either Direction
ITM = 100 mA peak, IF = 0
VTM
All
1.7
2.5
V
Critical Rate of Rise of Off-State Voltage
IF = 0 (figure 7, @400V)
dv/dt
All
1000
V/µs
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
LED Trigger Current,
either direction
Main terminal
Voltage = 3V (note 2)
IFT
MOC3051-M
15
mA
MOC3052-M
10
Holding Current, Either Direction
IH
All
280
µA


Similar Part No. - MOC3052SR2V-M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
MOC3052S-TA1 LITEON-MOC3052S-TA1 Datasheet
158Kb / 8P
   Property of Lite-On Only
logo
Guangdong Youtai Semico...
MOC3052SM UMW-MOC3052SM Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
More results

Similar Description - MOC3052SR2V-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com