Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA206N Datasheet(PDF) 9 Page - Tyco Electronics

Part # MPA206N
Description  DIP Switches
Download  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MPA206N Datasheet(HTML) 9 Page - Tyco Electronics

Back Button MPA206N Datasheet HTML 5Page - Tyco Electronics MPA206N Datasheet HTML 6Page - Tyco Electronics MPA206N Datasheet HTML 7Page - Tyco Electronics MPA206N Datasheet HTML 8Page - Tyco Electronics MPA206N Datasheet HTML 9Page - Tyco Electronics MPA206N Datasheet HTML 10Page - Tyco Electronics MPA206N Datasheet HTML 11Page - Tyco Electronics MPA206N Datasheet HTML 12Page - Tyco Electronics MPA206N Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 326 page
background image
DIP Switches, Piano Acutuator, Auto Insertable, Through Hole, and Surface
Mount
ADP
TERMINATION OPTIONS
“PC” Termination Shown
.100
(2.54)
TYP.
.063
(1.60)
.020
(0.60)
.100
(2.54)
.346
(8.80)
.083
(2.11)
.039
(1.00)
.030
(0.75)
.300-.340
(7.60-8.70)
.266
(6.76)
.128
(3.25)
25
°
L
“S” Term
“SA” Term.
Lever Down "On"
Lever Down "On"
Lever Down "On"
No. of
Actuator
Dim.
Tyco
Alcoswitch
Tyco
Alcoswitch
Tyco
Alcoswitch
Positions
Style
L
Electronics
Electronics
Electronics
1-1437587-1
ADP02
1-1437587-2
ADP02S
1-1437587-3
ADP02SA
2
Piano
.278(7.06)
1-1437587-5
ADP04
1-1437587-7
ADP04S
1-1437587-8
ADP04SA
4
Piano
.478(12.14)
2-1437587-0
ADP05
2-1437587-1
ADP05S
ADP05SA
5
Piano
.578(14.68)
2-1437587-2
ADP06
2-1437587-3
ADP06S
2-1437587-4
ADP06SA
6
Piano
.678(17.22)
2-1437587-5
ADP07
ADP07S
ADP07SA
7
Piano
.778(19.76)
2-1437587-6
ADP08
2-1437587-8
ADP08S
2-1437587-9
ADP08SA
8
Piano
.878(22.30)
3-1437587-0
ADP09
ADP09S
3-1437587-1
ADP09SA
9
Piano
.978(24.84)
3-1437587-3
ADP10
3-1437587-6
ADP10S
ADP10SA
10
Piano
1.078(27.38)
ADP04S
Piano Actuator
.128
(3.25)
.035
±.008
(.889
±.203)
.037
(0.94)
+.005
-.008
+.013
-.203)
(
.325
(8.26)
REF
.410
(10.4)
MIN.
.240
(6.10)
MAX.
.100
(2.54)
TYP.
.060
(1.52)
MIN. TYP.
.275
(6.99)
REF
.350
(8.89)
MIN.
.200
(5.08)
MAX.
.100
(2.54)
TYP.
.060
(1.52)
MIN. TYP.
S Termination
SA Termination
PC Termination
.100
(2.54)
TYP.
.031
(0.79)
TYP.
.300
(7.62)
.
PC
S
SA
“S” Term
“SA” Term.
Lever Up "On"
Lever Up "On"
Lever Up "On"
No. of
Actuator
Dim.
Tyco
Alcoswitch
Tyco
Alcoswitch
Tyco
Alcoswitch
Positions
Style
L
Electronics
Electronics
Electronics
4-1437587-7 ADPA02
ADPA02S
ADPA02SA
2
Piano
.278(7.06)
4-1437587-8 ADPA04 5-1437587-0 ADPA04S
5-1437587-1 ADPA04SA
4
Piano
.478(12.14)
5-1437587-2 ADPA05 5-1437587-3 ADPA05S
ADPA05SA
5
Piano
.578(14.68)
5-1437587-4 ADPA06 5-1437587-5 ADPA06S
5-1437587-6 ADPA06SA
6
Piano
.678(17.22)
5-1437587-7 ADPA07
ADPA07S
ADPA07SA
7
Piano
.778(19.76)
5-1437587-8 ADPA08 6-1437587-0 ADPA08S
ADPA08SA
8
Piano
.878(22.30)
ADPA09
ADPA09S
ADPA09SA
9
Piano
.978(24.84)
6-1437587-1 ADPA10
ADPA10S
ADPA10SA
10
Piano
1.078(27.38)
AD Series
A9
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
SEE PAGE A7 FOR PRODUCT SPECIFICATIONS


Similar Part No. - MPA206N

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA200L MPD-MPA200L Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-03Z MPD-MPA200LX-03Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-05Z MPD-MPA200LX-05Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-12Z MPD-MPA200LX-12Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-24Z MPD-MPA200LX-24Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
More results

Similar Description - MPA206N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-435626-4 MACOM-4-435626-4 Datasheet
6Mb / 326P
   DIP Switches
logo
CTS Corporation
CT2062-ND CTS-CT2062-ND Datasheet
328Kb / 1P
   DIP Switches
logo
Tyco Electronics
7000 MACOM-7000 Datasheet
257Kb / 6P
   DIP Switches
logo
E-SWITCH
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
   SLIDE DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
   PIANO DIP SWITCHES
logo
Tyco Electronics
53137-5 MACOM-53137-5 Datasheet
655Kb / 1P
   DIP Switches - Preprogrammed
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
   PIANO DIP SWITCHES
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com