Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFR25G1R0 Datasheet(PDF) 2 Page - Tyco Electronics

Part # CFR25G1R0
Description  Carbon Film Fixed Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CFR25G1R0 Datasheet(HTML) 2 Page - Tyco Electronics

  CFR25G1R0 Datasheet HTML 1Page - Tyco Electronics CFR25G1R0 Datasheet HTML 2Page - Tyco Electronics CFR25G1R0 Datasheet HTML 3Page - Tyco Electronics CFR25G1R0 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Carbon Film Fixed Resistors
Type CFR Series
1773195 CIS WR 09/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Dimensions
Style
L* max.
D max.
d ±0.05
I
CFR16
3.5
1.85
0.45
28 ± 3
CFR25
6.8
2.5
0.54
28 ± 3
CFR50
9.0
3.0
0.54
28 ± 3
CFR100
12.0
5.0
0.70
25 ± 3
CFR200
16.0
5.5
0.70
28 ± 3
* Length is measured in accordance with IEC 294
Derating Curve
Surface Temperature Rise vs Load
40
60 70 80
100
120
140
160
100
80
60
40
20
0
Ambient Temperature (°C)
0 0.125 0.25 0.375 0.5
0.75
12
80
60
40
20
0
Power Dissipation (W)
CFR16 CFR25 CFR50
CFR100
CFR200
Mounting
The resistors are suitable for processing on automatic insertion equipment and cutting and bending machines.
Marking
The resistors are marked with a four colour band code in accordance with IEC 62 on greyish green base color.
Packaging
Carbon film resistors are normally supplied taped in 'ammo' boxes. Other styles may be supplied on request.
All tape specifications are in accordance with IEC 286-1.
Type
Box
Std. Tape
Component
Quantity
Spacing
Spacing
CFR16
5000
52
5
CFR25
4000
52
5
CFR50
3000
52
5
CFR100
1000
52
10
CFR200
500
64
10


Similar Part No. - CFR25G1R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFR25S ETC1-CFR25S Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
CFR25S ETC2-CFR25S Datasheet
131Kb / 2P
   Normal & Miniature Style CFR Series
More results

Similar Description - CFR25G1R0

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
CR18W ABCO-CR18W Datasheet
604Kb / 1P
   FIXED CARBON FILM RESISTORS
logo
TE Connectivity Ltd
CFR TEC-CFR Datasheet
333Kb / 4P
   Carbon film fixed Resistors
logo
Tyco Electronics
1623929 MACOM-1623929 Datasheet
41Kb / 1P
   CARBON FILM FIXED RESISTORS SERIES CFR200
1623933 MACOM-1623933 Datasheet
69Kb / 1P
   CARBON FILM FIXED RESISTORS SERIES CFR50
logo
HOKURIKU ELECTRIC INDUS...
E0111AA HOKURIKU-E0111AA Datasheet
42Kb / 1P
   Miniature Paint Insulated Carbon Film Fixed Resistors
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com