Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1734279-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1-1734279-1
Description  AMPLIMITE Subminiature D Connectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1734279-1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1-1734279-1 Datasheet HTML 3Page - Tyco Electronics 1-1734279-1 Datasheet HTML 4Page - Tyco Electronics 1-1734279-1 Datasheet HTML 5Page - Tyco Electronics 1-1734279-1 Datasheet HTML 6Page - Tyco Electronics 1-1734279-1 Datasheet HTML 7Page - Tyco Electronics 1-1734279-1 Datasheet HTML 8Page - Tyco Electronics 1-1734279-1 Datasheet HTML 9Page - Tyco Electronics 1-1734279-1 Datasheet HTML 10Page - Tyco Electronics 1-1734279-1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
44
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
AMPLIMITE HD-20 Subminiature D Stacked PCB Connectors
Hybrid and Mixed Styles (Continued)
Material and Finish:
Housing—94V-0 rated thermoplastic,
black
Shell—Steel, tin plated
Contacts:
Pins—Brass
Sockets—Phosphor bronze
Contact Plating:
A—Gold flash on mating end, tin on
solder tails with overall nickel plating
underneath
B—.000010 [0.00025] gold on mating
end, tin on solder tails with overall
nickel underplate
C—.000030 [0.00076] gold on mating
end, tin on solder tails with overall
nickel underplate
Boardlocks—Brass, tin plated
Female Screwlocks—Brass, nickel
plated
Threaded Inserts—Brass, tin plated
Brackets—Zinc
Technical Documents:
Product Specification
108-57517
See customer drawings for printed
circuit board layouts.
1.244 ± .015
[31.60 ± 0.38]
.183
[4.64]
Ref.
.125 ± .016
[3.18 ± 0.41]
.380 ± .016
[9.65 ± 0.41]
E
±
.010
[± 0.25]
D
±
.010
[± 0.25]
F
±
.010
[± 0.25]
2 Plcs.
Typ.
.318 ± .010
[8.08 ± 0.25]
.228 ± .010
[5.80 ± 0.25]
2 Plcs.
4-40 Screwlock
See Table
Upper
Lower
Dimensions
Contact
Mounting
Part
D-Sub
D-Sub
DE
F
Finish
Hardware
Number
1.22
.984
.750
A
4-40
1734279-1
30.95
24.99
19.05
inserts
1.22
.984
.750
B
4-40
1734279-2
30.95
24.99
19.05
inserts
1.22
.984
.750
C
4-40
1734279-3
9p Plug
/
9p Plug
30.95
24.99
19.05
inserts
1.22
.984
.750
A
4-40
1734280-1
30.95
24.99
19.05
fem s/l
1.22
.984
.750
C
4-40
1734280-3
30.95
24.99
19.05
fem s/l
1.22
.984
.750
A
4-40
1734282-1
30.95
24.99
19.05
inserts
9p Plug
/
9p Rcpt.
1.22
.984
.750
B
4-40
1734282-2
30.95
24.99
19.05
inserts
1.22
.984
.750
C
4-40
1734282-3
30.95
24.99
19.05
inserts
1.22
.984
.750
A
4-40
1734285-1
30.95
24.99
19.05
inserts
1.22
.984
.750
B
4-40
1734285-2
30.95
24.99
19.05
inserts
1.22
.984
.750
C
4-40
1734285-3
9p Rcpt.
/
9p Rcpt.
30.95
24.99
19.05
inserts
1.22
.984
.750
A
4-40
1734286-1
30.95
24.99
19.05
fem s/l
1.22
.984
.750
B
4-40
1734286-2
30.95
24.99
19.05
fem s/l
1.22
.984
.750
C
4-40
1734286-3
30.95
24.99
19.05
fem s/l
1.22
.984
.750
A
4-40
1734207-1
30.95
24.99
19.05
inserts
9p Rcpt.
/
9p Plug
1.22
.984
.750
B
4-40
1734207-2
30.95
24.99
19.05
inserts
1.22
.984
.750
C
4-40
1734207-3
30.95
24.99
19.05
inserts
1.55
1.31
.750
A
4-40
1-1734279-1
39.30
33.30
19.05
inserts
15p Plug
/
15p Plug
1.55
1.31
.750
B
4-40
1-1734279-2
39.30
33.30
19.05
inserts
1.55
1.31
.750
C
4-40
1-1734279-3
39.30
33.30
19.05
inserts
1.55
1.31
.750
A
4-40
1-1734282-1
39.30
33.30
19.05
inserts
15p Plug
/
15p Rcpt.
1.55
1.31
.750
B
4-40
1-1734282-2
39.30
33.30
19.05
inserts
1.55
1.31
.750
C
4-40
1-1734282-3
39.30
33.30
19.05
inserts
Continued on next page


Similar Part No. - 1-1734279-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734279-1 MACOM-1-1734279-1 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
More results

Similar Description - 1-1734279-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com