Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOCD207 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOCD207
Description  DUAL CHANNEL PHOTOTRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOCD207 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOCD207 Datasheet HTML 1Page - Fairchild Semiconductor MOCD207 Datasheet HTML 2Page - Fairchild Semiconductor MOCD207 Datasheet HTML 3Page - Fairchild Semiconductor MOCD207 Datasheet HTML 4Page - Fairchild Semiconductor MOCD207 Datasheet HTML 5Page - Fairchild Semiconductor MOCD207 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
• Dual Channel Optocoupler
• Convenient Plastic SOIC-8 Surface Mountable Package Style
• Two channels in one compact surface mount package
• Closely Matched Current Transfer Ratios to Minimize Unit-to-Unit Variation
• Minimum V(BR)CEO of 70 Volts Guaranteed
• Standard SOIC-8 Footprint, with 0.050” Lead Spacing
• Compatible with Dual Wave, Vapor Phase and IR Reflow Soldering
• High Input-Output Isolation of 2500 Vac (rms) Guaranteed
• Meets U.L. Regulatory Requirements, File #E90700, Volume 2
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C Unless otherwise specified)
DESCRIPTION
The MOCD207M/MOCD208M consist of two silicon phototransistors optically coupled to two
GaAs infrared LEDs. These devices are constructed in a small outline surface mount package
which conforms to the standard SOIC-8 footprint.
Rating
Symbol
Value
Unit
EMITTER
IF
60
mA
Forward Current - Continuous
Forward Current - Peak (PW = 100 µs, 120 pps)
IF (pk)
1.0
A
Reverse Voltage
VR
6.0
V
LED Power Dissipation @ TA = 25°C
PD
90
mW
Derate above 25°C
0.8
mW/°C
DETECTOR
VCEO
70
V
Collector-Emitter Voltage
Collector-Base Voltage
VCBO
70
V
Emitter-Collector Voltage
VECO
7.0
V
Collector Current-Continuous
IC
150
mA
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
1.76
mW/°C
TOTAL DEVICE
Input-Output Isolation Voltage (1,2)
VISO
2500
Vac(rms)
(f = 60 Hz, 1 min. Duration)
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
2.94
mW/°C
Ambient Operating Temperature Range
TA
-45 to +100
°C
Storage Temperature Range
Tstg
-45 to +125
°C
Lead Soldering Temperature
TL
260
°C
(1/16” from case, 10 sec. duration)
MOCD207M
MOCD208M
EMITTER 1
COLLECTOR 1
ANODE 1
CATHODE 1
1
2
3
4
5
6
7
8
EMITTER 2
COLLECTOR 2
ANODE 2
CATHODE 2
DUAL CHANNEL PHOTOTRANSISTOR
SMALL OUTLINE SURFACE MOUNT
OPTOCOUPLERS
 2001 Fairchild Semiconductor Corporation
DS300270
12/19/01
1 OF 6
www.fairchildsemi.com
APPLICATIONS
• Feedback control circuits
• Interfacing and coupling systems of different potentials and impedances
• General purpose switching circuits
• Monitor and detection circuits


Similar Part No. - MOCD207

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
MOCD207 ISOCOM-MOCD207 Datasheet
63Kb / 2P
   Super Small Outline
logo
Fairchild Semiconductor
MOCD207-M FAIRCHILD-MOCD207-M Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface
MOCD207M FAIRCHILD-MOCD207M Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M Datasheet
106Kb / 7P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD207M FAIRCHILD-MOCD207M Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface
More results

Similar Description - MOCD207

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD217M FAIRCHILD-MOCD217M Datasheet
2Mb / 10P
   Dual Channel Phototransistor
logo
Siemens Semiconductor G...
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
   HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H Datasheet
95Kb / 7P
   Dual Channel Optocoupler with Phototransistor
Rev. A1, 11-Jan-99
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com