Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C63567 Datasheet(PDF) 8 Page - Epson Company

Part # S1C63567
Description  4-bit Single Chip Microcomputer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C63567 Datasheet(HTML) 8 Page - Epson Company

Back Button S1C63567 Datasheet HTML 4Page - Epson Company S1C63567 Datasheet HTML 5Page - Epson Company S1C63567 Datasheet HTML 6Page - Epson Company S1C63567 Datasheet HTML 7Page - Epson Company S1C63567 Datasheet HTML 8Page - Epson Company S1C63567 Datasheet HTML 9Page - Epson Company S1C63567 Datasheet HTML 10Page - Epson Company S1C63567 Datasheet HTML 11Page - Epson Company S1C63567 Datasheet HTML 12Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
S1C63567
• OSC1 CR oscillation frequency-resistance
characteristic
Resistor value for CR oscillation RCR1 [
Ω]
VDD = 2.2 to 5.5 V
VSS = 0 V
Ta = 25
°C
Typ. value
20k
30k
40k
50k
60k
70k
80k
90k
100k
110k
120k
500k
600k
700k
800k
900k
1M
1.1M
1.2M
1.4M
1.3M
1.5M
• OSC3 CR oscillation frequency-resistance
characteristic
Resistor value for CR oscillation RCR2 [
Ω]
VDD = 2.2 to 5.5 V
VSS = 0 V
Ta = 25
°C
Typ. value
2.5M
2.3M
2.1M
1.9M
1.7M
1.5M
1.3M
1.1M
900k
30k
40k
50k
60k
70k
80k
90k
100k
120k
110k
● Oscillation Characteristics
The oscillation characteristics change depending on the conditions (components used, board pattern, etc.). Use the follow-
ing characteristics as reference values.
OSC1 Crystal Oscillation Circuit
Characteristic
Oscillation start voltage
Oscillation stop voltage
Built-in capacitance (drain)
Frequency/voltage deviation
Frequency/IC deviation
Frequency adjustment range
Harmonic oscillation start voltage
Permitted leak resistance
Symbol
Vsta
Vstp
CD
∆f/∆V
∆f/∆IC
∆f/∆CG
Vhho
Rleak
Unit
V
V
pF
ppm
ppm
ppm
V
M
Max.
10
10
Typ.
14
20
Min.
2.2
2.2
-10
10
5.5
200
Condition
tsta
≤3sec (VDD)
tstp
≤10sec (VDD)
Including the parasitic capacitance inside the IC (in chip)
VDD=2.2 to 5.5V
CG=5 to 25pF
CG=5pF (VDD)
Between OSC1 and VSS
(Unless otherwise specified: VDD=3.0V, VSS=0V, fOSC1=32.768kHz, CG=25pF, CD=built-in, Ta=-20 to 70
°C)
OSC1 CR Oscillation Circuit
Characteristic
Oscillation frequency dispersion
Oscillation start voltage
Oscillation start time
Oscillation stop voltage
Symbol
fOSC1
Vsta
tsta
Vstp
Unit
%
V
mS
V
Max.
30
3
Typ.
60kHz
Min.
-30
2.2
2.2
Condition
(VDD)
VDD=2.2 to 5.5V
(VDD)
(Unless otherwise specified: VDD=3.0V, VSS=0V, RCR1=600k
Ω, Ta=-20 to 70°C)
OSC3 Ceramic Oscillation Circuit
Characteristic
Oscillation start voltage
Oscillation start time
Oscillation stop voltage
Symbol
Vsta
tsta
Vstp
Unit
V
mS
V
Max.
5
Typ.
Min.
2.2
2.2
Condition
(VDD)
VDD=2.2 to 5.5V
(VDD)
(Unless otherwise specified: VDD=3.0V, VSS=0V, Ceramic oscillator: 3.58MHz, CGC=CDC=30pF, Ta=-20 to 70
°C)
OSC3 CR Oscillation Circuit
Characteristic
Oscillation frequency dispersion
Oscillation start voltage
Oscillation start time
Oscillation stop voltage
Symbol
fOSC3
Vsta
tsta
Vstp
Unit
%
V
mS
V
Max.
25
3
Typ.
1,800kHz
Min.
-25
2.2
2.2
Condition
(VDD)
VDD=2.2 to 5.5V
(VDD)
(Unless otherwise specified: VDD=3.0V, VSS=0V, RCR2=47k
Ω, Ta=-20 to 70°C)


Similar Part No. - S1C63567

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C63003 EPSON-S1C63003 Datasheet
169Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63004 EPSON-S1C63004 Datasheet
104Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63008 EPSON-S1C63008 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63016 EPSON-S1C63016 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63158 EPSON-S1C63158 Datasheet
168Kb / 2P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C63567

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com