Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

767117-5 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 767117-5
Description  STEP-Z Interconnection System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

767117-5 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 767117-5 Datasheet HTML 2Page - Tyco Electronics 767117-5 Datasheet HTML 3Page - Tyco Electronics 767117-5 Datasheet HTML 4Page - Tyco Electronics 767117-5 Datasheet HTML 5Page - Tyco Electronics 767117-5 Datasheet HTML 6Page - Tyco Electronics 767117-5 Datasheet HTML 7Page - Tyco Electronics 767117-5 Datasheet HTML 8Page - Tyco Electronics 767117-5 Datasheet HTML 9Page - Tyco Electronics 767117-5 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
18
Catalog 65194
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Page_Head (Continued)
High Speed Fine Pitch Connectors
(MICTOR, MICTOR SB, Micro-Strip and STEP-Z
Interconnection Systems)
MICTOR Right-Angle (Straddle Mount) Combinations
30 µ Gold & Palladium
Nickel Connections
Vertical Receptacle with
Right-Angle Plug
Vertical Plug with
Right-Angle Receptacle
Right-angle versions are
designed for paddlecard
type applications. It is highly
recommended that cus-
tomers who are considering
right-angle applications
contact Tyco Electronics
Engineering to review their
applications as the potential
for tolerancing issues
and/or issues of solder joint
integrity can be highly
application specific.


Similar Part No. - 767117-5

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
76710-6010 MOLEX9-76710-6010 Datasheet
164Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits
76710-6108 MOLEX9-76710-6108 Datasheet
153Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 8 Column, 120Circuits, 85 Ohms, Tin/Lead
76710-6110 MOLEX9-76710-6110 Datasheet
161Kb / 3P
   1.40mm (0.055) Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits, 85 Ohms, Tin/Lead
76710-6208 MOLEX9-76710-6208 Datasheet
136Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 8 Column, 120 Circuits, 85 Ohms
76710-6210 MOLEX9-76710-6210 Datasheet
138Kb / 3P
   1.40mm (0.055) Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits, 85 Ohms, Lead Free
More results

Similar Description - 767117-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
Tyco Electronics
539630-1 MACOM-539630-1 Datasheet
3Mb / 40P
   SOLARLOK Photovoltaic Interconnection System
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com