Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3052S-M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MOC3052S-M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3052S-M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button MOC3052S-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3052S-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3052S-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3052S-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3052S-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3052S-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3052S-M Datasheet HTML 9Page - Fairchild Semiconductor MOC3052S-M Datasheet HTML 10Page - Fairchild Semiconductor MOC3052S-M Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6/15/05
Page 7 of 11
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVERS
(600 VOLT PEAK)
MOC3051-M
MOC3052-M
APPLICATIONS GUIDE
Basic Triac Driver Circuit
The new random phase triac driver family MOC3052-M and
MOC3051-M are very immune to static dv/dt which allows
snubberless operations in all applications where external
generated noise in the AC line is below its guaranteed dv/dt
withstand capability. For these applications a snubber circuit is
not necessary when a noise insensitive power triac is used.
Figure 11 shows the circuit diagram. The triac driver is directly
connected to the triac main terminal 2 and a series Resistor R
which limits the current to the triac driver. Current limiting
resistor R must have a minimum value which restricts the
current into the driver to maximum 1A.
R = Vp AC/ITM max rep. = Vp AC/1A
The power dissipation of this current limiting resistor and the
triac driver is very small because the power triac carries the
load current as soon as the current through driver and current
limiting resistor reaches the trigger current of the power triac.
The switching transition times for the driver is only one micro
second and for power triacs typical four micro seconds.
Triac Driver Circuit for Noisy Environments
When the transient rate of rise and amplitude are expected to
exceed the power triacs and triac drivers maximum ratings a
snubber circuit as shown in Figure 12 is recommended. Fast
transients are slowed by the R-C snubber and excessive
amplitudes are clipped by the Metal Oxide Varistor MOV.
Triac Driver Circuit for Extremely Noisy Environments, as
specified in the noise standards IEEE472 and IEC255-4.
Industrial control applications do specify a maximum transient
noise dv/dt and peak voltage which is superimposed onto the
AC line voltage. In order to pass this environment noise test a
modified snubber network as shown in Figure 13 is recom-
mended.
Figure 11. Basic Driver Circuit
Figure 12. Triac Driver Circuit for Noisy Environments
Figure 13. Triac Driver Circuit for Extremely Noisy
Environments
VCC
RET.
RLED
TRIAC DRIVER
POWER TRIAC
AC LINE
LOAD
R
Q
CONTROL
R
TRIAC DRIVER
POWER TRIAC
RLED
VCC
RET.
CONTROL
RS
CS
MOV
LOAD
AC LINE
R
TRIAC DRIVER
POWER TRIAC
RS
CS
MOV
LOAD
AC LINE
VCC
RET.
CONTROL
RLED
RLED = (VCC - V F LED - V sat Q)/IFT
R = Vp AC line/ITSM
Typical Snubber values RS = 33 Ω, CS = 0.01 µF
MOV (Metal Oxide Varistor) protects triac and
driver from transient overvoltages >VDRM max.
Recommended snubber to pass IEEE472 and IEC255-4 noise tests
RS = 47 W, CS = 0.01 mF


Similar Part No. - MOC3052S-M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
MOC3052S-TA1 LITEON-MOC3052S-TA1 Datasheet
158Kb / 8P
   Property of Lite-On Only
More results

Similar Description - MOC3052S-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com